データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIC3213MF33 データシート(PDF) 2 Page - KEC(Korea Electronics)

部品番号 KIC3213MF33
部品情報  150mA CMOS High Performance LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3213MF33 データシート(HTML) 2 Page - KEC(Korea Electronics)

  KIC3213MF33 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 6Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 7Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 8Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2012. 7. 5
2/9
KIC3213MF12~33
Revision No :2
VIN
GND
VREF
VEN
VOUT
PWTR
RA
RB
ON/OFF
Control
Error Amp
Fold - back Current
Limit Block
Reference
Voltage
Block Diagram
SECLECTION GUIDE
The output voltage, package type for the ICs can be selected at the user s request.
The selection can be made with designating the part number as shown below;
KIC3213MF XX ← Part Number
a
bc
Code
Contents
a
Item name
KIC3213 : 150mA CMOS LDO
b
Designation of Package Type :
MF : UDFN1010-4
c
Setting Output Voltage (VOUT) :
Stepwise setting with a step of 0.1V in the range of 1.2V to 3.3V is possible.


同様の部品番号 - KIC3213MF33

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC3213MF33 KEC-KIC3213MF33 Datasheet
457Kb / 9P
   SEMICONDUCTOR
More results

同様の説明 - KIC3213MF33

メーカー部品番号データシート部品情報
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com