データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1310AQ データシート(PDF) 8 Page - Sony Corporation

部品番号 CXA1310AQ
部品情報  Single Chip Processing for CCD Monochrome Camera
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1310AQ データシート(HTML) 8 Page - Sony Corporation

Back Button CXA1310AQ Datasheet HTML 4Page - Sony Corporation CXA1310AQ Datasheet HTML 5Page - Sony Corporation CXA1310AQ Datasheet HTML 6Page - Sony Corporation CXA1310AQ Datasheet HTML 7Page - Sony Corporation CXA1310AQ Datasheet HTML 8Page - Sony Corporation CXA1310AQ Datasheet HTML 9Page - Sony Corporation CXA1310AQ Datasheet HTML 10Page - Sony Corporation CXA1310AQ Datasheet HTML 11Page - Sony Corporation CXA1310AQ Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
– 8 –
CXA1310AQ
Electrical Characteristics
(Ta = 25°C, VCC = 5V, See Electrical Characteristics Test Circuit)
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Item
Current consumption
Min. value of AGC
MAX
Min. value of AGC
CONT
Max. value of AGC
CONT
AGC CONT 10dB
AGC OUT DC
γ 1 output level
γ 2 output level
LlNEAR AMP GAlN
DET OUT DC
IRlS AMP GAlN
IRIS OUT DC
DRlVER GAlN
SYNC level
SETUP 1
SETUP 2
Min. value of SET
CONT
Max. value of SET
CONT
W-CLIP level
Min. value of WC
CONT
Max. value of WC
CONT
OP AMP output
D range Low level
OP AMP output
D range High level
Symbol
lcc
MAX
AG1
AG2
AG3
ADC
γ 1
γ 2
LG
DDC
lG
lDC
DG
SY
SE1
SE2
SE3
SE4
WC1
WC2
WC3
OPL
OPH
Conditions
Min.
Current value of VCC1 and VCC2
AGC CONT = 1.5V
GAIN between DATA input and AGC OUT
DATA input = 100mV
AGC MAX = 4V, AGC CONT = 1.5V
GAIN between DATA input and AGC OUT
DATA input = 500mV, AGC CONT = 5V
GAIN between DATA input and AGC OUT
DATA input = 30mV, AGC CONT = 1.5V
GAIN between DATA input and AGC OUT
DATA input = 320mV, AGC CONT = 3.55V
DC output level of AGC OUT
Test value of
γ 1 output level
γ IN input = 500mV
Test value of
γ 2 output level
γ IN input = 500mV, S9 ON
GAIN between
γ IN input and LINEAR
γ IN input = 500mV
DC output level of DET OUT
GAIN between DATA input and lRlS
DATA input = 300mV
DC output level of IRIS
GAIN between DRlVER lN and VlDEO
DRlVER IN = 700mV
SYNC level/DG∗ of VIDEO output
SETUP level of preset mode 1
SETUP level/DG∗ of VIDEO output
SETUP level of preset mode 2
SETUP level/DG∗ of VIDEO output
SETUP level/DG∗ of VIDEO output
SET CONT = 2V
SETUP level/DG∗ of VIDEO output
SET CONT = 3.3V
W-CLlP level /DG∗ of VlDEO output
DRlVER IN = 1500mV, WC CONT = GND
W-CLlP level /DG∗ of VlDEO output
DRlVER IN = 1500mV, WC CONT = 2.2V
W-CLlP level /DG∗ of VlDEO output
DRlVER IN = 1500mV, WC CONT = 3.3V
DC output level of OP OUT
OP IN+ = 2.5V, OP lN– = 4V
DC output level of OP OUT
OP IN+ = 4V, OP lN– = 2.5V
30
30
8
2.25
530
580
1.6
1.8
8
1.1
5.7
270
–15
0
80
780
1000
4.5
Typ.
45
18
4
32
10
2.55
630
680
2.6
2.0
10
1.3
6.0
293
0
20
–3
130
820
300
1300
0.8
4.8
Max.
60
20
6
12
2.85
730
780
3.6
2.2
12
1.5
6.3
316
15
40
15
860
600
1.2
Unit
mA
dB
dB
dB
dB
V
mV
mV
dB
V
dB
V
dB
mV
mV
mV
mV
mV
mV
mV
mV
V
V
∗ Characteristics value at DRlVER GAlN item


同様の部品番号 - CXA1310AQ

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1310 CREE-CXA1310 Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00H427F CREE-CXA1310-0000-000F00H427F Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00H427H CREE-CXA1310-0000-000F00H427H Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00J227F CREE-CXA1310-0000-000F00J227F Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00J227H CREE-CXA1310-0000-000F00J227H Datasheet
1Mb / 19P
   XLamp
More results

同様の説明 - CXA1310AQ

メーカー部品番号データシート部品情報
logo
A1 PROs co., Ltd.
AI4402 A1PROS-AI4402 Datasheet
190Kb / 14P
   Signal Processor for CCD Monochrome Camera
Ver1.0
AI5412 A1PROS-AI5412 Datasheet
224Kb / 20P
   Timing Controller for CCD Monochrome Camera
Ver1.0
logo
Sanyo Semicon Device
LA7265W SANYO-LA7265W Datasheet
569Kb / 23P
   Single-Chip Black and White CCD Camera signal Processing IC
logo
Panasonic Semiconductor
AN2050FB PANASONIC-AN2050FB Datasheet
54Kb / 4P
   CCD Monochrome Video Camera Signal Processor IC
logo
Sony Corporation
CXA1391Q SONY-CXA1391Q Datasheet
735Kb / 33P
   Processing IC for Complementary Color Mosaic CCD Camera
CXD3142R SONY-CXD3142R Datasheet
1Mb / 58P
   Signal Processor LSI for Single-Chip CCD Color Camera
logo
A1 PROs co., Ltd.
AI2410 A1PROS-AI2410 Datasheet
639Kb / 27P
   Signal Processor for Single-Chip CCD B/W Camera
logo
Sony Corporation
CXD2163R SONY-CXD2163R Datasheet
1Mb / 57P
   SIGNAL PROCESSOR LSI FOR SINGLE-CHIP CCD COLOR CAMERA
CXD3152R SONY-CXD3152R Datasheet
322Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
CXD3152AR SONY-CXD3152AR Datasheet
326Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com