データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1563S データシート(PDF) 10 Page - Sony Corporation

部品番号 CXA1563S
部品情報  Dolby B-C Type Noise Reduction System with Built-in S type Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1563S データシート(HTML) 10 Page - Sony Corporation

Back Button CXA1563S Datasheet HTML 6Page - Sony Corporation CXA1563S Datasheet HTML 7Page - Sony Corporation CXA1563S Datasheet HTML 8Page - Sony Corporation CXA1563S Datasheet HTML 9Page - Sony Corporation CXA1563S Datasheet HTML 10Page - Sony Corporation CXA1563S Datasheet HTML 11Page - Sony Corporation CXA1563S Datasheet HTML 12Page - Sony Corporation CXA1563S Datasheet HTML 13Page - Sony Corporation CXA1563S Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
– 10 –
CXA1563M/S
Application Note
The CXA1563M/S is a dual channel Dolby B-C type NR IC with a built-in S type (CXA1417S/Q) switch. By
using the CXA1563M/S in conjunction with two sets of the CXA1417S/Q encoder unit, a stereo Dolby B-C-S
type NR system can be achieved.
1) Power Supply
The CXA1563M/S is designed to operate on either single or dual power supply.
For dual power supply, connect VCT (Pin 28) to GND, and VEE (Pin 14) to the negative power supply.
For single power supply, connect VEE (Pin 14) to GND. Vcc/2, generated from the internal circuit, is output to
VCT (Pin 28). Connect a by-pass capacitor between this pin and GND.
The operating voltage range is ±3.5 to ±8.0V (7.0 to 16V), which satisfies the signal handling of 12dB
specified by the Dolby Laboratories.
2) Supply Voltage of the CXA1417S/Q and the CXA1563M/S
(1) When both have split power supply
Set within the respective specified ranges.
CXA1417S/Q: ±AV
CXA1563M/S: ±BV
(2) When both have single power supply
Set at the same potential with the range specified for the CXA1417S/Q (9 to 13V).
CXA1417S/Q: AV
CXA1563M/S: BV
(3) Single and dual power supplies can not be used together.
3) Operation Mode Control
The CXA1563M/S has built-in electronic switches. The operations are controlled by the DC voltages of SSW
(Pin 12), NRSW (Pin 13) and MODE (Pin 16) control pins. Table 1 shows the switching truth tables.
For single power supply, VH, VM, and VL correspond to Vcc, Vcc/2 and GND, respectively.
For dual power supply, VH, VM and VL correspond to Vcc, GND and VEE, respectively.
Refer to "threshold" on the characteristics graph for the thresholds of the control voltages. NRSW (Pin 13)
and MODE (Pin 16) control pins are connected to VCT via a 50k
Ω resistor, so when the pin is open, VM
condition results. SSW (Pin 12) control pin is of PNP base input, so the pin can be used as VH when it is
open.
SSW is taken precedence over NRSW, and NRSW is invalid when SSW is at Low.
Table 1
VH
VM
VL
SSW
NRSW
MODE
B-C type
C type
MPX ON
REC
(Encode)
B type
MPX OFF
REC
(Encode)
S type
NR OFF
PB
(Decode)


同様の部品番号 - CXA1563S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CXA1563S ETC2-CXA1563S Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

同様の説明 - CXA1563S

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
logo
Panasonic Semiconductor
AN7354SC PANASONIC-AN7354SC Datasheet
122Kb / 12P
   Dolby B/C-type Noise Reduction
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com