データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC71002TDCARQ1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC71002TDCARQ1
部品情報  Dual Channel Squib Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC71002TDCARQ1 データシート(HTML) 3 Page - Texas Instruments

  TPIC71002TDCARQ1 Datasheet HTML 1Page - Texas Instruments TPIC71002TDCARQ1 Datasheet HTML 2Page - Texas Instruments TPIC71002TDCARQ1 Datasheet HTML 3Page - Texas Instruments TPIC71002TDCARQ1 Datasheet HTML 4Page - Texas Instruments TPIC71002TDCARQ1 Datasheet HTML 5Page - Texas Instruments TPIC71002TDCARQ1 Datasheet HTML 6Page - Texas Instruments TPIC71002TDCARQ1 Datasheet HTML 7Page - Texas Instruments TPIC71002TDCARQ1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NC
NC
NC
NC
NC
DIAG
BIAS
SPI/
Digital
NC
TEST1
VCC5
IWD
AMX_OUT
DGND1
AGND1
SQREF1
SQREF2
VADC
TEST2
VA2
TEST3
VZ1
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
NC
47
NC
46
VZ3
45
Z3
44
NC
43
NC
42
DGND2
41
SOMI
40
SIMO
39
SCLK
38
CS_N
37
TZ
36
RESET_N
35
VDDIO
34
AGND
33
VA1
32
TEST4
31
NC
30
GND2
29
ZM2
28
Z2
27
VZ2
26
NC
25
NC
GND1
squib
ZM1
Z1
squib
TPIC71002-Q1
www.ti.com
SLIS139
– MARCH 2011
Table 2. Potential Deployment Settings for Maximum Firing Current
MAXIMUM AVERAGE FIRING
FIRING
MAX FIRING
DWELL
VOLTAGE BETWEEN VZX AND ZX
VOLTAGE
CURRENT(1)
(FIRING)TIME
PINS TO ACHIEVE DEPLOYMENT
2.6 A (for 1.75 A current
35 V
30 V
0.7 ms(2)
setting)
2. 0 A (for 1.2 A current
35 V
31 V
2.0 ms(2)
setting)
(1)
The max firing current levels are set through device EEPROM setting
(2)
For programming desired dwell (firing) time
Figure 1. Functional Block Diagram
For the full version of this document, please contact msamktg@list.ti.com .
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPIC71002-Q1


同様の部品番号 - TPIC71002TDCARQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC71004-Q1 TI1-TPIC71004-Q1 Datasheet
379Kb / 8P
[Old version datasheet]   Quad-Channel Driver for Airbag Deployment
TPIC71004TDCARQ1 TI1-TPIC71004TDCARQ1 Datasheet
379Kb / 8P
[Old version datasheet]   Quad-Channel Driver for Airbag Deployment
TPIC71008-Q1 TI1-TPIC71008-Q1 Datasheet
556Kb / 10P
[Old version datasheet]   Eight-Channel Squib Drivers
TPIC71008TDCARQ1 TI1-TPIC71008TDCARQ1 Datasheet
556Kb / 10P
[Old version datasheet]   Eight-Channel Squib Drivers
More results

同様の説明 - TPIC71002TDCARQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC71008-Q1 TI1-TPIC71008-Q1 Datasheet
556Kb / 10P
[Old version datasheet]   Eight-Channel Squib Drivers
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
33797 FREESCALE-33797 Datasheet
905Kb / 34P
   Four Channel Squib Driver IC
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
logo
JST Mfg. Co., Ltd.
SQN JST-SQN Datasheet
124Kb / 3P
   Squib connectors
logo
ON Semiconductor
FMS6410B ONSEMI-FMS6410B Datasheet
335Kb / 10P
   Dual-Channel Video Drivers
October 2006 Rev. 1.0.2
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
   2-channel Squib Driver for Air Bags
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
logo
STMicroelectronics
L9634 STMICROELECTRONICS-L9634 Datasheet
997Kb / 36P
   SQUIB RESISTANCE MEASUREMENT
October 2004 Rev. 1
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com