データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1553M データシート(PDF) 1 Page - Sony Corporation

部品番号 CXA1553M
部品情報  Dolby B type Noise Reduction System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1553M データシート(HTML) 1 Page - Sony Corporation

  CXA1553M Datasheet HTML 1Page - Sony Corporation CXA1553M Datasheet HTML 2Page - Sony Corporation CXA1553M Datasheet HTML 3Page - Sony Corporation CXA1553M Datasheet HTML 4Page - Sony Corporation CXA1553M Datasheet HTML 5Page - Sony Corporation CXA1553M Datasheet HTML 6Page - Sony Corporation CXA1553M Datasheet HTML 7Page - Sony Corporation CXA1553M Datasheet HTML 8Page - Sony Corporation CXA1553M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
—1—
E92315A79-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
23
V
• Operating temperature
Topr
–40 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
SOP16 (A1551M/A1552M/A1553M)
500 mW
DIP16 (A1550P/A1551P/A1552P/A1553P) 900 mW
∗ These ICs are available only to the licensees of
Dolby Laboratories Licensing Corporation from
whom licensing and applications information may
be obtained.
∗ “Dolby” and the double D symbols are trade marks
of Dolby Laboratories Licensing Corporation.
Description
The CXA1550/CXA1551/CXA1552/CXA1553 are
bipolar ICs providing two separate Dolby B type
noise reduction processors.
The series is
composed of seven devices having four Dolby levels
and two types of package for various applications.
These
devices
feature
very
few
external
components, which is achieved by monolithic filter
circuits using integrated thin film capacitors with high
capacitance.
Features
• Pin replaceable with CXA1100 series
• Minimum number of external components
• NR ON/OFF/Double Speed, REC/PB switches
included
• Small package (16 pin SOP, 16 pin DIP)
• Low current consumption 5.6mA typ.
• Dual channel processors in one chip
• Double speed encode and decode functions are
provided.
Dolby B∗ type Noise Reduction System
CXA1551M/CXA1552M
CXA1550P/CXA1551P
CXA1553M
CXA1552P/CXA1553P
16 pin SOP (Plastic)
16 pin DIP (Plastic)
CXA1550P, CXA1551M/P
CXA1552M/P, CXA1553M/P


同様の部品番号 - CXA1553M

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

同様の説明 - CXA1553M

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com