データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1592 データシート(PDF) 6 Page - Sony Corporation

部品番号 CXA1592
部品情報  Encoder for CCD Color Camera
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1592 データシート(HTML) 6 Page - Sony Corporation

Back Button CXA1592 Datasheet HTML 2Page - Sony Corporation CXA1592 Datasheet HTML 3Page - Sony Corporation CXA1592 Datasheet HTML 4Page - Sony Corporation CXA1592 Datasheet HTML 5Page - Sony Corporation CXA1592 Datasheet HTML 6Page - Sony Corporation CXA1592 Datasheet HTML 7Page - Sony Corporation CXA1592 Datasheet HTML 8Page - Sony Corporation CXA1592 Datasheet HTML 9Page - Sony Corporation CXA1592 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
– 6 –
CXA1592Q/R
Pin No.
Symbol
Pin voltage
Equivalent circuit
Description
22
YOUT
Y signal output pin when
used for Y/C separation
output.
23
SETUPCLP
3.3V
Connecting pin for the white
clip clamp capacitor.
Over 0.1µF is recommended.
24
WC LEVEL
3.4V
White clip level control pin.
1.6V (550mV) to 5V
(1110mV)
25
SYNC
Sync pulse input pin.
VTH is at 2.5V. Input a pulse
with an amplitude larger than
VTH ±0.5V.
26
SYNC LEVEL
0V
Sync level control pin.
1.6V (180mV) to 5V (380mV)
0V (287mV) preset.
2.4V
5V
0V
AVCC
AGND
600µA
200
22
AVCC
140
AGND
140
1k
2k
10µA
23
AVCC
AGND
80µA
140
1k
24
AVCC
AGND
80µA
140
1k
25
AVCC
AGND
40µA
140
1k
26


同様の部品番号 - CXA1592

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1594 SONY-CXA1594 Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
logo
List of Unclassifed Man...
CXA1594 ETC2-CXA1594 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
logo
List of Unclassifed Man...
CXA1594L ETC2-CXA1594L Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1594L-S SONY-CXA1594L-S Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
More results

同様の説明 - CXA1592

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
AN2458SH PANASONIC-AN2458SH Datasheet
32Kb / 3P
   Color Encoder IC NTSC/PAL for CCD Video Camera
logo
Sharp Corporation
YH-7B58 SHARP-YH-7B58 Datasheet
386Kb / 16P
   SPECIPICATION FOR COLOR CCD CAMERA
logo
Hitachi Semiconductor
KP-DE500 HITACHI-KP-DE500 Datasheet
81Kb / 9P
   EM-CCD Color Camera
logo
Sony Corporation
CXA1391Q SONY-CXA1391Q Datasheet
735Kb / 33P
   Processing IC for Complementary Color Mosaic CCD Camera
CXD3172AR SONY-CXD3172AR Datasheet
636Kb / 25P
   Signal Processor LSI for Single CCD Color Camera
logo
ADTech
ADT7210 ADTECH-ADT7210 Datasheet
225Kb / 6P
   Multi-CH Power Supply IC for Color CCD Camera
logo
Sony Corporation
CXD3142R SONY-CXD3142R Datasheet
1Mb / 58P
   Signal Processor LSI for Single-Chip CCD Color Camera
CXD2163R SONY-CXD2163R Datasheet
1Mb / 57P
   SIGNAL PROCESSOR LSI FOR SINGLE-CHIP CCD COLOR CAMERA
CXA1439M SONY-CXA1439M Datasheet
141Kb / 8P
   CDS FOR CCD CAMERA
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com