データシートサーチシステム |
|
TPS76201QDBVRQ1 データシート(PDF) 6 Page - Texas Instruments |
|
|
TPS76201QDBVRQ1 データシート(HTML) 6 Page - Texas Instruments |
6 / 17 page 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0.5 1.0 1.5 - - - 10 100 1 k 10 k 100 k 1 M Frequency (Hz) I = 1 mA O I = 100 mA O V = 2.7 V V = 0.7 V C = 4.7 F R 0.3 IN OUT OUT m W ESR ≈ 27 25 23 21 19 17 15 -40 -25 -10 5 20 35 50 65 80 95 110 125 Junction Temperature ( C) ° I = 100 mA O I = 10 A O m V = 2.7 V V = 0.7 V IN OUT 180 160 140 120 100 80 60 40 20 2 4 6 8 10 Output Voltage (V) T = +125 C J ° I = 100 mA O T = +25 C J ° T = 40 C J - ° 180 160 140 120 100 80 60 40 20 2 4 6 8 10 Output Voltage (V) T = +125 C J ° I = 100 mA O T = +25 C J ° T = 40 C J - ° TPS76201-Q1 SLVSAO7 – DECEMBER 2010 www.ti.com TYPICAL CHARACTERISTICS (continued) At TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5 V or 2.0 V, whichever is greater; IOUT = 10 mA, VEN = VIN, COUT = 1.0 mF, unless otherwise noted. Typical values are at TJ = +25°C. OUTPUT SPECTRAL NOISE DENSITY vs FREQUENCY OUTPUT IMPEDANCE vs FREQUENCY Figure 6. Figure 7. DROPOUT VOLTAGE vs DROPOUT VOLTAGE vs INPUT VOLTAGE JUNCTION TEMPERATURE Figure 8. Figure 9. 6 Submit Documentation Feedback Copyright © 2010, Texas Instruments Incorporated Product Folder Link(s): TPS76201-Q1 |
同様の部品番号 - TPS76201QDBVRQ1 |
|
同様の説明 - TPS76201QDBVRQ1 |