データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1599Q データシート(PDF) 8 Page - Sony Corporation

部品番号 CXA1599Q
部品情報  1-chip Cassette Deck
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1599Q データシート(HTML) 8 Page - Sony Corporation

Back Button CXA1599Q Datasheet HTML 4Page - Sony Corporation CXA1599Q Datasheet HTML 5Page - Sony Corporation CXA1599Q Datasheet HTML 6Page - Sony Corporation CXA1599Q Datasheet HTML 7Page - Sony Corporation CXA1599Q Datasheet HTML 8Page - Sony Corporation CXA1599Q Datasheet HTML 9Page - Sony Corporation CXA1599Q Datasheet HTML 10Page - Sony Corporation CXA1599Q Datasheet HTML 11Page - Sony Corporation CXA1599Q Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
– 8 –
CXA1599Q
300
VEE
VCC
VEE
35
34
300
10k
5P
VGS
VGS
VCC
× 5
× 2
15K
× 7
× 2
500
500
20k
Line output.
Pin
No.
34
35
Symbol
DC
voltage
I/O
I/O
resistance
LINE
OUT1
LINE
OUT2
0.0V
O
0
10k
VEE
VCC
VCC
VEE
VGS
VGS
39
46
13k
20k
14k
Connects the playback
equalizer amplifier
output through DC cut
off.
Input for signals not
passing Dolby decode.
39
46
PASS
IN2
PASS
IN1
0.0V
I
20k
500
500
VEE
VCC
VCC
VEE
× 2
14k
8P
40
45
Output of playback
equalizer amplifier.
40
45
PB
OUT2
PB
OUT1
0.0V
O
0
Equivalent circuit
Description


同様の部品番号 - CXA1599Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1592 SONY-CXA1592 Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
CXA1592Q SONY-CXA1592Q Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
CXA1592R SONY-CXA1592R Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
CXA1594 SONY-CXA1594 Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
logo
List of Unclassifed Man...
CXA1594 ETC2-CXA1594 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

同様の説明 - CXA1599Q

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HA12211NT HITACHI-HA12211NT Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12167FB HITACHI-HA12167FB Datasheet
524Kb / 73P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Renesas Technology Corp
HA12211NT RENESAS-HA12211NT Datasheet
401Kb / 36P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Panasonic Semiconductor
AN6262N PANASONIC-AN6262N Datasheet
58Kb / 5P
   Pause Detection Circuits of Radio Cassette, Cassette Deck
logo
Sony Corporation
CXA1198AP SONY-CXA1198AP Datasheet
283Kb / 13P
   STEREO CASSETTE DECK RECORDING EQUALIZER
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
   SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
logo
Renesas Technology Corp
HA12237F RENESAS-HA12237F Datasheet
316Kb / 33P
   Audio Signal Processor for Cassette Deck
logo
Hitachi Semiconductor
HA12006 HITACHI-HA12006 Datasheet
513Kb / 7P
   Electronic Controller for Cassette Tape Deck
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
logo
Renesas Technology Corp
HA12230NT RENESAS-HA12230NT Datasheet
325Kb / 34P
   Audio Signal Processor for Cassette Deck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com