データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1619AS データシート(PDF) 1 Page - Sony Corporation

部品番号 CXA1619AS
部品情報  FM/AM Radio
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1619AS データシート(HTML) 1 Page - Sony Corporation

  CXA1619AS Datasheet HTML 1Page - Sony Corporation CXA1619AS Datasheet HTML 2Page - Sony Corporation CXA1619AS Datasheet HTML 3Page - Sony Corporation CXA1619AS Datasheet HTML 4Page - Sony Corporation CXA1619AS Datasheet HTML 5Page - Sony Corporation CXA1619AS Datasheet HTML 6Page - Sony Corporation CXA1619AS Datasheet HTML 7Page - Sony Corporation CXA1619AS Datasheet HTML 8Page - Sony Corporation CXA1619AS Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
—1—
E98419-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
14
V
• Operating temperature
Topr
–10 to +60
°C
• Storage temperature
Tstg
–50 to +125
°C
• Allowable power dissipation
PD
700
mW
(CXA1619AM)
PD
1000
mW
(CXA1619AS)
Recommended Operating Conditions
Supply voltage
VCC
2 to 7.5
V
(CXA1619AM)
VCC
2 to 8.5
V
(CXA1619AS)
Description
CXA1619AM/AS is a one-chip FM/AM radio IC
designed for radio-cassette tape recorders and
headphone tape recorders, and has the following
functions.
Features
• Small number of peripheral components.
• Low current consumption (VCC=3 V)
For FM : ID=5.8 mA (Typ.)
For AM : ID=4.7 mA (Typ.)
• Built-in FM/AM select switch.
• Large output of AF amplifier.
EIAJ output=450 mW (Typ.) when
VCC=6 V, load impedance 8
Function
FM section
• RF amplifier, Mixer and OSC
(incorporating AFC variable capacitor).
• IF amplifier
• Quadrature detection
• Tuning LED driver
AM section
• RF amplifier, Mixer and OSC (with RF AGC)
• IF amplifier (with IF AGC)
• Detector
• Tuning LED driver
AF section
• Electronic volume control
Structure
Bipolar monolithic IC
FM/AM Radio
CXA1619AM
CXA1619AS
28 pin SOP (Plastic)
30 pin SDIP (Plastic)
CXA1619AM/AS
For the availability of this product, please contact the sales office.


同様の部品番号 - CXA1619AS

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1619BM SONY-CXA1619BM Datasheet
198Kb / 11P
   FM/AM Radio
CXA1619BS SONY-CXA1619BS Datasheet
198Kb / 11P
   FM/AM Radio
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
CXA1619S SONY-CXA1619S Datasheet
298Kb / 12P
   FM/AM Radio
More results

同様の説明 - CXA1619AS

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
   FM/AM Radio
CXA1691BM SONY-CXA1691BM Datasheet
191Kb / 11P
   FM/AM Radio
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
   FM/AM Radio
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1619BM SONY-CXA1619BM Datasheet
198Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com