データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1645M データシート(PDF) 4 Page - Sony Corporation

部品番号 CXA1645M
部品情報  RGB Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1645M データシート(HTML) 4 Page - Sony Corporation

  CXA1645M Datasheet HTML 1Page - Sony Corporation CXA1645M Datasheet HTML 2Page - Sony Corporation CXA1645M Datasheet HTML 3Page - Sony Corporation CXA1645M Datasheet HTML 4Page - Sony Corporation CXA1645M Datasheet HTML 5Page - Sony Corporation CXA1645M Datasheet HTML 6Page - Sony Corporation CXA1645M Datasheet HTML 7Page - Sony Corporation CXA1645M Datasheet HTML 8Page - Sony Corporation CXA1645M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
– 4 –
CXA1645P/M
Pin
No.
Symbol
Pin voltage
15
COUT
2.2V
16
YOUT
17
YTRAP
Black level
1.6V
18
FO
2.0V
Black level
1.3V
Equivalent circuit
Description
Chroma signal output. Capable of driving a
75
Ω load.
Refer to Notes on Operation, Nos. 6 and 9.
Pin for reducing cross color caused by the
subcarrier frequency component of the Y
signal. When the CVOUT pin is in use,
connect a capacitor or a capacitor and an
inductor in series between YTRAP and
GND. Decide capacitance and inductance,
giving consideration to cross color and the
required resolution.
No influence on the YOUT pin.
Refer to Notes on Operation, No. 8.
Internal filter fo adjustment pin.
Connect to GND via the following resistor
according to the NTSC or PAL mode.
NTSC: 20k
Ω (±1%)
PAL : 16k
Ω (±1%)
Y signal output. Capable of driving a 75
load.
Refer to Notes on Operation, Nos. 6 and 9.
GND2
VCC2
15
20k
600µ
VCC1
GND2
VCC2
20k
600µ
VCC1
16
GND1
VCC1
1.5k
8.5k
0.5P
17
Input resistance 1.5k
GND1
VCC1
129
50µ
18


同様の部品番号 - CXA1645M

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1642 SONY-CXA1642 Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1642M SONY-CXA1642M Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1644 SONY-CXA1644 Datasheet
222Kb / 11P
   ECHO EFFECT GENERATOR
CXA1644P SONY-CXA1644P Datasheet
222Kb / 11P
   ECHO EFFECT GENERATOR
More results

同様の説明 - CXA1645M

メーカー部品番号データシート部品情報
logo
Mitsumi Electronics, Co...
MM1268 MITSUMI-MM1268 Datasheet
193Kb / 7P
   RGB Encoder
logo
List of Unclassifed Man...
ES71145 ETC-ES71145 Datasheet
113Kb / 7P
   RGB ENCODER
logo
Fujitsu Component Limit...
MB3516A FUJITSU-MB3516A Datasheet
126Kb / 13P
   RGB Encoder
logo
Sony Corporation
CXA1145P SONY-CXA1145P Datasheet
315Kb / 12P
   RGB Encoder
logo
Samsung semiconductor
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
KA2197D SAMSUNG-KA2197D Datasheet
55Kb / 5P
   RGB ENCODER FOR NTSC
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com