データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC259-Q100 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74HC259-Q100
部品情報  8-bit addressable latch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC259-Q100 データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74HC259-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HC259-Q100 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
74HC_HCT259_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 30 July 2012
8 of 20
NXP Semiconductors
74HC259-Q100; 74HCT259-Q100
8-bit addressable latch
10. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max
74HC259-Q100
tpd
propagation
delay
D to Qn; see Figure 6
[2]
VCC = 2.0 V
-
58
185
-
230
-
280
ns
VCC = 4.5 V
-
21
37
-
46
-
56
ns
VCC = 5.0 V; CL =15pF
-
18
-
-
-
-
-
ns
VCC = 6.0 V
-
17
31
-
39
-
48
ns
An to Qn; see Figure 7
[2]
VCC = 2.0 V
-
58
185
-
230
-
280
ns
VCC = 4.5 V
-
21
37
-
46
-
56
ns
VCC = 5.0 V; CL =15pF
-
17
-
-
-
-
-
ns
VCC = 6.0 V
-
17
31
-
39
-
48
ns
LE to Qn; see Figure 8
[2]
VCC = 2.0 V
-
55
170
-
215
-
255
ns
VCC = 4.5 V
-
20
34
-
43
-
51
ns
VCC = 5.0 V; CL =15pF
-
17
-
-
-
-
-
ns
VCC = 6.0 V
-
16
29
-
37
-
43
ns
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 9
VCC = 2.0 V
-
50
155
-
195
-
235
ns
VCC = 4.5 V
-
18
31
-
39
-
47
ns
VCC = 5.0 V; CL =15pF
-
15
-
-
-
-
-
ns
VCC = 6.0 V
-
14
26
-
33
-
40
ns
tt
transition time
see Figure 8
[3]
VCC = 2.0 V
-
19
75
-
95
-
119
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
tW
pulse width
LE HIGH or LOW;
see Figure 8
VCC = 2.0 V
70
17
-
90
-
105
-
ns
VCC = 4.5 V
14
6
-
18
-
21
-
ns
VCC = 6.0 V
12
5
-
15
-
18
-
ns
MR LOW; see Figure 9
VCC = 2.0 V
70
17
-
90
-
105
-
ns
VCC = 4.5 V
14
6
-
18
-
21
-
ns
VCC = 6.0 V
12
5
-
15
-
18
-
ns


同様の部品番号 - 74HC259-Q100

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC259-Q100 NEXPERIA-74HC259-Q100 Datasheet
287Kb / 17P
   8-bit addressable latch
Rev. 2 - 2 September 2020
More results

同様の説明 - 74HC259-Q100

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com