データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALS234N データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74ALS234N
部品情報  64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS234N データシート(HTML) 1 Page - Texas Instruments

  SN74ALS234N Datasheet HTML 1Page - Texas Instruments SN74ALS234N Datasheet HTML 2Page - Texas Instruments SN74ALS234N Datasheet HTML 3Page - Texas Instruments SN74ALS234N Datasheet HTML 4Page - Texas Instruments SN74ALS234N Datasheet HTML 5Page - Texas Instruments SN74ALS234N Datasheet HTML 6Page - Texas Instruments SN74ALS234N Datasheet HTML 7Page - Texas Instruments SN74ALS234N Datasheet HTML 8Page - Texas Instruments SN74ALS234N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74ALS234
64 × 4 ASYNCHRONOUS FIRST IN, FIRST OUT MEMORY
SDAS106B − OCTOBER 1986 − REVISED SEPTEMBER 1993
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Asynchronous Operation
D Organized as 64 Words by 4 Bits
D Data Rates From 0 to 30 MHz
D 3-State Outputs
D Package Options Include Plastic
Small-Outline Packages (DW), Plastic
J-Leaded Chip Carriers (FN), and Standard
Plastic 300-mil DIPs (N)
description
The SN74ALS234 is a 256-bit memory utilizing
advanced
low-power
Schottky
IMPACT
technology. It features high speed with fast
fall-through times and is organized as 64 words by
4 bits.
A first-in, first-out (FIFO) memory is a storage
device that allows data to be written into and read
from its array at independent data rates. The
SN74ALS234 is designed to process data at rates
from 0 to 30 MHz in a bit-parallel format, word by
word.
Data is written into memory on the rising edge of
the shift-in (SI) input. When SI goes low, the first
data word ripples through to the output (see
Figure 1). As the FIFO fills up, the data words
stack up in the order they were written. When the
FIFO is full, additional shift-in pulses have no
effect. Data is shifted out of memory on the falling edge of the shift-out (SO) input (see Figure 2). When the FIFO
is empty, additional SO pulses have no effect. The last data word remains at the outputs until a new word falls
through or reset (RST) goes low.
Status of the SN74ALS234 FIFO memory is monitored by the output-ready (OR) and input-ready (IR) flags.
When OR is high, valid data is available at the outputs. OR is low when SO is high and stays low when the FIFO
is empty. IR is high when the inputs are ready to receive more data. IR is low when SI is high and stays low when
the FIFO is full.
When the FIFO is empty, input data is shifted to the output automatically when SI goes low. If SO is held high
during this time, the OR flag pulses high indicating valid data at the outputs (see Figure 3).
When the FIFO is full, data can be shifted in automatically by holding SI high and taking SO low. One propagation
delay after SO goes low, IR will go high. If SI is still high when IR goes high, data at the inputs are automatically
shifted in. Since IR is normally low when the FIFO is full and SI is high, only a high-level pulse is seen on the
IR output (see Figure 4).
Copyright
 1993, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
IMPACT is a trademark of Texas Instruments Incorporated.
OE
IR
SI
D0
D1
D2
D3
GND
DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
OR
Q0
NC
Q1
Q2
SI
D0
NC
D1
D2
FN PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
SO
OR
Q0
Q1
Q2
Q3
RST
NC − No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


同様の部品番号 - SN74ALS234N

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS230 TI-SN74ALS230 Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS230DW TI-SN74ALS230DW Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS230N TI-SN74ALS230N Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS231 TI-SN74ALS231 Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS231DW TI-SN74ALS231DW Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ALS234N

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74ACT2708 FAIRCHILD-74ACT2708 Datasheet
95Kb / 13P
   64 x 9 First-In, First-Out Memory
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT2236 TI1-SN74ACT2236 Datasheet
238Kb / 14P
[Old version datasheet]   1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com