データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1737R データシート(PDF) 1 Page - Sony Corporation

部品番号 CXA1737R
部品情報  AFM Stereo Signal Processor for 8 mm VCR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1737R データシート(HTML) 1 Page - Sony Corporation

  CXA1737R Datasheet HTML 1Page - Sony Corporation CXA1737R Datasheet HTML 2Page - Sony Corporation CXA1737R Datasheet HTML 3Page - Sony Corporation CXA1737R Datasheet HTML 4Page - Sony Corporation CXA1737R Datasheet HTML 5Page - Sony Corporation CXA1737R Datasheet HTML 6Page - Sony Corporation CXA1737R Datasheet HTML 7Page - Sony Corporation CXA1737R Datasheet HTML 8Page - Sony Corporation CXA1737R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
– 1 –
CXA1737R
64 pin LQFP (Plastic)
E96Z11A77
AFM Stereo Signal Processor for 8 mm VCR
Description
The CXA1737R is a bipolar IC designed as an
AFM stereo signal processor for 8mm VCR.
All functions necessary for AFM stereo are
concentrated onto a single 64-pin LQFP.
Features
• Low supply voltage (3.15V) design
• Low power consumption (Vcc = 3.15V)
Recording: 150mW
Playback: 240mW
• Built-in BPF (1.5MHz, 1.7MHz)
• Supports NTSC and PAL
• Enables both parallel and 3-line serial mode control
• Supports electronic volume (EVR) control
Absolute Maximum Ratings
• Supply voltage
VCC
5.25
V
• Operating temperature Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
1500
mW
Operating Conditions
• Recommended supply voltage
VCC
3.15
V
VCCH
4.75
V
• Supply voltage range
VCC
3 to 5.25
V
VCCH
4.5 to 5.25
V
Structure
Bipolar silicon monolithic IC
Applications
8mm VCRs
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.


同様の部品番号 - CXA1737R

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1733 SONY-CXA1733 Datasheet
337Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733 SONY-CXA1733 Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733M SONY-CXA1733M Datasheet
337Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733N SONY-CXA1733N Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733N-1 SONY-CXA1733N-1 Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
More results

同様の説明 - CXA1737R

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1488R SONY-CXA1488R Datasheet
365Kb / 20P
   8 mm VCR AFM SIGNAL PROCESSOR
CXA2038R SONY-CXA2038R Datasheet
472Kb / 28P
   AFM Monaural Signal Processor for 8 mm VCR
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
   8 mm VCR AFM STEREO MATRIX
logo
Panasonic Semiconductor
AN3986FBP PANASONIC-AN3986FBP Datasheet
179Kb / 14P
   Stereo Audio Signal Processor ICs for 8-mm Camcorder
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
NTE Electronics
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
logo
Sanyo Semicon Device
LA7451M SANYO-LA7451M Datasheet
190Kb / 11P
   Two-Channel, Noise Reduction Processor for 8-mm VCR PCM
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com