データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HCT244-Q1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HCT244-Q1
部品情報  OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT244-Q1 データシート(HTML) 3 Page - Texas Instruments

  SN74HCT244-Q1 Datasheet HTML 1Page - Texas Instruments SN74HCT244-Q1 Datasheet HTML 2Page - Texas Instruments SN74HCT244-Q1 Datasheet HTML 3Page - Texas Instruments SN74HCT244-Q1 Datasheet HTML 4Page - Texas Instruments SN74HCT244-Q1 Datasheet HTML 5Page - Texas Instruments SN74HCT244-Q1 Datasheet HTML 6Page - Texas Instruments SN74HCT244-Q1 Datasheet HTML 7Page - Texas Instruments SN74HCT244-Q1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74HCT244Q1
OCTAL BUFFER AND LINE DRIVER
WITH 3STATE OUTPUTS
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
VOH
VI = VIH or VIL
IOH = −20 µA
4.5 V
4.4
4.499
4.4
V
VOH
VI = VIH or VIL
IOH = −6 mA
4.5 V
3.98
4.3
3.7
V
VOL
VI = VIH or VIL
IOL = 20 µA
4.5 V
0.001
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 6 mA
4.5 V
0.17
0.26
0.4
V
II
VI = VCC or 0
5.5 V
±0.1
±100
±1000
nA
IOZ
VO = VCC or 0,
VI = VIH or VIL
5.5 V
±0.01
±0.5
±10
µA
ICC
VI = VCC or 0,
IO = 0
5.5 V
8
160
µA
∆ICC†
One input at 0.5 V or 2.4 V, Other inputs at 0 or VCC
5.5 V
1.4
2.4
3
mA
Ci
4.5 V
to 5.5 V
3
10
10
pF
† This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
tpd
A
Y
4.5 V
15
28
42
ns
tpd
A
Y
5.5 V
13
25
38
ns
ten
OE
Y
4.5 V
21
35
53
ns
ten
OE
Y
5.5 V
19
32
48
ns
tdis
OE
Y
4.5 V
19
35
53
ns
tdis
OE
Y
5.5 V
18
32
48
ns
tt
Y
4.5 V
8
12
18
ns
tt
Y
5.5 V
7
11
16
ns
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
tpd
A
Y
4.5 V
21
45
68
ns
tpd
A
Y
5.5 V
18
40
61
ns
ten
OE
Y
4.5 V
25
52
79
ns
ten
OE
Y
5.5 V
22
47
71
ns
tt
Y
4.5 V
17
42
63
ns
tt
Y
5.5 V
14
38
57
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per buffer/driver
No load
40
pF


同様の部品番号 - SN74HCT244-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HCT244-Q1 TI1-SN74HCT244-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT244-Q1 TI-SN74HCT244-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SNx4HCT244 Octal Buffers and Line Drivers With 3-State Outputs
REVISED DECEMBER 2022
More results

同様の説明 - SN74HCT244-Q1

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74HCT244-EP TI1-SN74HCT244-EP Datasheet
499Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-EP TI1-SN74HC244-EP Datasheet
608Kb / 14P
[Old version datasheet]    OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-Q1 TI1-SN74HC244-Q1 Datasheet
278Kb / 11P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74ALS1240 TI1-SN74ALS1240 Datasheet
95Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com