データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1810 データシート(PDF) 10 Page - Sony Corporation

部品番号 CXA1810
部品情報  Luminance and Color Signal Processing for 8mm VCR
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1810 データシート(HTML) 10 Page - Sony Corporation

Back Button CXA1810 Datasheet HTML 6Page - Sony Corporation CXA1810 Datasheet HTML 7Page - Sony Corporation CXA1810 Datasheet HTML 8Page - Sony Corporation CXA1810 Datasheet HTML 9Page - Sony Corporation CXA1810 Datasheet HTML 10Page - Sony Corporation CXA1810 Datasheet HTML 11Page - Sony Corporation CXA1810 Datasheet HTML 12Page - Sony Corporation CXA1810 Datasheet HTML 13Page - Sony Corporation CXA1810 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
—10—
CXA1810AQ/AR
Pin
Symbol
Pin voltage
Equivalent circuit
Description
No.
DC
AC
Video signal input. Performs
diode clamping, with the
clamp capacitance externally
connected. If the mode MUTE
is set High, the charge of the
clamp capacitance is
discharged.
Level adjustment during
recording. The adjustment
range is 1.3V to 2.6V. During
playback, serves as input for
JOG (variable speed
playback) VD pulse and HD
pulse.
VTH = 2.7V
(Refer to item 3 on Description
of Operation.)
Video signal input for video
out circuit. Performs diode
clamping, with the clamp
capacitance externally
connected.
Time constant for feedback
clamp circuit in I/O block.
I/O block signal output.
270
100nA
4µA
30
MUTE
ON
150
31
270
100nA
32
100
100
33
3k
150
3.4k
27k
2.05V
34
30 V IN1
31 REC L/JVD
32 Y IN
33 CLAMP TC1
34 Y OUT
2.05V
(sync tip
level)
1.9V
(Typical value
during REC
LEVEL
adjustment)
1.6V
(sync tip
level)
1.8V
(sync tip
level)
Video
500mVp-p
input
Video
500mVp-p
input
Video
500mVp-p
output


同様の部品番号 - CXA1810

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1814 SONY-CXA1814 Datasheet
374Kb / 20P
   8 mm VCR ATF
CXA1814N SONY-CXA1814N Datasheet
374Kb / 20P
   8 mm VCR ATF
logo
Cree, Inc
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
More results

同様の説明 - CXA1810

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
   Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com