データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1821 データシート(PDF) 10 Page - Sony Corporation

部品番号 CXA1821
部品情報  RF Amplifier for CD Players
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1821 データシート(HTML) 10 Page - Sony Corporation

Back Button CXA1821 Datasheet HTML 5Page - Sony Corporation CXA1821 Datasheet HTML 6Page - Sony Corporation CXA1821 Datasheet HTML 7Page - Sony Corporation CXA1821 Datasheet HTML 8Page - Sony Corporation CXA1821 Datasheet HTML 9Page - Sony Corporation CXA1821 Datasheet HTML 10Page - Sony Corporation CXA1821 Datasheet HTML 11Page - Sony Corporation CXA1821 Datasheet HTML 12Page - Sony Corporation CXA1821 Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
– 10 –
CXA1821M
Application Circuit
• For single power supply +5V
∗ Connect Pin 18 to VCC when LC is used.
• For dual power supply ±2.5V
∗ Connect Pin 18 to VCC when LC is used.
100µ/6.3V
10µH
GND
33µ/6.3V
47k
22k
22k
100µ/6.3V
10µH
22
GND
33µ/6.3V
47k
22k
22k
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party and other right due to same.


同様の部品番号 - CXA1821

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P227F CREE-CXA1820-0000-000N00P227F Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P227H CREE-CXA1820-0000-000N00P227H Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P427F CREE-CXA1820-0000-000N00P427F Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P427H CREE-CXA1820-0000-000N00P427H Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
More results

同様の説明 - CXA1821

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com