データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1843Q データシート(PDF) 6 Page - Sony Corporation

部品番号 CXA1843Q
部品情報  High-Speed Sample-and-Hold IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1843Q データシート(HTML) 6 Page - Sony Corporation

Back Button CXA1843Q Datasheet HTML 2Page - Sony Corporation CXA1843Q Datasheet HTML 3Page - Sony Corporation CXA1843Q Datasheet HTML 4Page - Sony Corporation CXA1843Q Datasheet HTML 5Page - Sony Corporation CXA1843Q Datasheet HTML 6Page - Sony Corporation CXA1843Q Datasheet HTML 7Page - Sony Corporation CXA1843Q Datasheet HTML 8Page - Sony Corporation CXA1843Q Datasheet HTML 9Page - Sony Corporation CXA1843Q Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
– 6 –
CXA1843Q
Timing Chart
MCLK(Pin 31)
(TTL)
VIN (Pin 3)
(0 to –2V)
S/H CLK
(Not output to outside)
S/H OUT (Pin 11)
(0 to –2V)
A/D CLK (Pin 22)
(PECL)
A/D output (CXA1844Q)
(TTL)
MCLK
(Clock pulse for the
device next to the ADC
in order to latch the
A/D output)
N
N + 1
N + 2
Tsd
TPWL
TPWH
T3
T4
Hold
taqr
tdr
N – 1
tdf
taqf
2Vp-p
90%
10%
T1 =
6ns
T2
tD (min)
tD (max)
DN – 3
TS
Th
Threshold
voltage =
1.5V
Threshold
voltage =
VCC – 1.2V
Threshold
voltage =
1.5V
Threshold
voltage =
1.5V
Threshold
voltage
DN – 2
DN – 1
DN
10%
90%
N + 2
N + 1
N
Hold
Sample
Hold
Sample
Hold
Tsd
Tsd
Sample
MCLK:
System master clock.
S/H CLK:
This clock actuates the internal sample-and-hold circuit.
The internal clock pulse circuit generates the S/H CLK, which is not output outside the IC.
A/D CLK:
This clock actuates the A/D converter. The internal clock buffer circuit generates the A/D CLK.
This clock has the level where +5V is shifted from the ECL level.
TPWH, TPWL:
S/H CLKIN input clock width
Tsd:
S/H sampling delay for the S/H internal clock
T1:
Fixed time interval between master clock rise and A/D CLK rise, T1 = 6ns (typ.)
T2:
Time interval between MCLK rise and A/D CLK fall
T3:
Time interval between MCLK rise and S/H CLK rise
T4:
Time interval between MCLK rise and S/H CLK fall
taqf, tdf:
10%/90% falling output delay of S/H from MCLK rise
taqr, tdr:
10%/90% rising output delay of S/H from MCLK rise
tD (min., max.): Minimum/maximum output delay of A/D converter (Refer to the CXA1844Q specification.)
Ts:
Setup time of A/D output and MCLK
Th:
Hold time of A/D output and MCLK


同様の部品番号 - CXA1843Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1842 SONY-CXA1842 Datasheet
176Kb / 8P
   3-Mode Surround and Vocal Cancellation
CXA1842S SONY-CXA1842S Datasheet
176Kb / 8P
   3-Mode Surround and Vocal Cancellation
CXA1844Q SONY-CXA1844Q Datasheet
447Kb / 16P
   10-BIT 33MSPS A/D CONVERTER
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
More results

同様の説明 - CXA1843Q

メーカー部品番号データシート部品情報
logo
Analog Devices
AD346 AD-AD346 Datasheet
119Kb / 3P
   High Speed Sample-and-Hold Amplifier
REV. B
AD346 AD-AD346_15 Datasheet
1Mb / 4P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
REV. A
logo
National Semiconductor ...
LH0053 NSC-LH0053 Datasheet
184Kb / 6P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
logo
Sony Corporation
CXA1009 SONY-CXA1009 Datasheet
740Kb / 19P
   HIGH-SPEED SAMPLE AND HOLD AMPLIFIERS
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
NXP Semiconductors
TDA1535B PHILIPS-TDA1535B Datasheet
237Kb / 6P
   HIGH-SPEED SINGLE SAMPLE-AND-HOLD AMPLIFIER
March 1991
logo
Analog Devices
AD585 AD-AD585_17 Datasheet
526Kb / 6P
   High speed, Precision Sample-and-hold Amplifier
logo
Intersil Corporation
HA5320 INTERSIL-HA5320 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
logo
Analog Devices
AD585JP-REEL AD-AD585JP-REEL Datasheet
342Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Intersil Corporation
HA-5320883 INTERSIL-HA-5320883 Datasheet
309Kb / 11P
   High Speed Precision Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com