データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1866Q データシート(PDF) 5 Page - Sony Corporation

部品番号 CXA1866Q
部品情報  6-bit 140MSPS Flash A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1866Q データシート(HTML) 5 Page - Sony Corporation

  CXA1866Q Datasheet HTML 1Page - Sony Corporation CXA1866Q Datasheet HTML 2Page - Sony Corporation CXA1866Q Datasheet HTML 3Page - Sony Corporation CXA1866Q Datasheet HTML 4Page - Sony Corporation CXA1866Q Datasheet HTML 5Page - Sony Corporation CXA1866Q Datasheet HTML 6Page - Sony Corporation CXA1866Q Datasheet HTML 7Page - Sony Corporation CXA1866Q Datasheet HTML 8Page - Sony Corporation CXA1866Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
– 5 –
CXA1866Q
Electrical Characteristics
(Ta = 25°C, AVEE = DVEE = –5.2V, DVCC = 5V, VRT = 0V, VRB = –2V)
Item
Resolution
DC characteristics
Integral linearity error
Differential linearity error
No missing code
Analog input
Analog input capacitance
Analog input resistance
Input bias current
Reference input
Reference resistance
Reference resistance
current
Offset voltage
VRT
VRB
Digital input
Logic high level
Logic low level
Logic high current
Logic low current
Input capacitance
Switching characteristics
Maximum conversion
frequency
Aperture jitter
Sampling delay
Digital output
Logic high level
Logic low level
Output delay
Output rising time
Output falling time
Dynamic characteristics
Analog amplitude
input bandwidth
S/N ratio
Error rate
Power supply
Supply current
Power consumption
Symbol
n
EIL
EDL
CIN
RIN
IIN
RREF
Iref
EOT
EOB
VIH
VIL
IIH
IIL
FC
Taj
Tds
VOH
VOL
tdo
tr
tf
Finb
SNR1
SNR2
SNR3
ICC
IEE
Pd
Min.
200
–1.13
0
–50
140
2.7
2.0
210
–60
Typ.
6
Guaranteed
7
225
9
3.5
5.0
1.0
1.2
1.2
36
34
32
10–9
20
–40
325
Max.
±0.2
±0.2
110
25
25
–1.50
50
50
0.5
8.0
32
Unit
bits
LSB
LSB
pF
k
µA
mA
mV
mV
V
V
µA
µA
pF
MSPS
ps
ns
V
V
ns
ns
ns
MHz
dB
dB
dB
TPS∗1
mA
mA
mW
Conditions
Fc = 140MHz
Fc = 140MHz
VIN = –1V + 0.07Vrms, DC
≤ VIN ≤ 70MHz
–2V
≤ VIN ≤ 0V
–2V
≤ VIN ≤ 0V
VIH = –0.8V
VIL = –1.6V
Error rate1E-9 TPS∗1
IOUT = –2mA
IOUT = 1mA
ZL = 25pF
ZL = 25pF, 0.5V to 2.4V
ZL = 25pF, 0.5V to 2.4V
VIN = 2Vp-p,
p-p value = 3dB down input frequency
Fc = 140MHz, Fin = 1MHz
Fc = 140MHz, Fin = 35MHz
Fc = 140MHz, Fin = 70MHz
Fc = 140MHz, error > 4LSB
DVCC = +5V
AVEE = DVEE = –5.2V
1 TPS: Times Per Sample


同様の部品番号 - CXA1866Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
More results

同様の説明 - CXA1866Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
HI-5701 INTERSIL-HI-5701 Datasheet
151Kb / 14P
   6-Bit, 30MSPS, Flash A/D Converter
June 1999
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com