データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4090DY データシート(PDF) 4 Page - Vishay Siliconix

部品番号 SI4090DY
部品情報  N-Channel 100 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4090DY データシート(HTML) 4 Page - Vishay Siliconix

  SI4090DY Datasheet HTML 1Page - Vishay Siliconix SI4090DY Datasheet HTML 2Page - Vishay Siliconix SI4090DY Datasheet HTML 3Page - Vishay Siliconix SI4090DY Datasheet HTML 4Page - Vishay Siliconix SI4090DY Datasheet HTML 5Page - Vishay Siliconix SI4090DY Datasheet HTML 6Page - Vishay Siliconix SI4090DY Datasheet HTML 7Page - Vishay Siliconix SI4090DY Datasheet HTML 8Page - Vishay Siliconix SI4090DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 63917
S12-1135-Rev. A, 21-May-12
Vishay Siliconix
Si4090DY
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
- 0.8
- 0.6
- 0.4
- 0.2
0.2
0
0.4
- 50
- 25
0
25
50
75
100
125
150
T
J - Temperature (°C)
I
D = 250 μA
I
D = 5 mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.01
0.02
0.03
0.04
0.05
02468
10
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 15 A
0
40
80
120
160
200
0.001
0.01
0.1
1
10
Time (s)
Safe Operating Area, Junction-to-Ambient
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 μs
100 ms
Limited by R
DS(on)*
1 ms
I
DM Limited
T
A = 25 °C
Single Pulse
BVDSS Limited
10 ms
10 s
1 s
DC
I
D Limited


同様の部品番号 - SI4090DY

メーカー部品番号データシート部品情報
logo
Vishay Telefunken
SI4090DY TFUNK-SI4090DY Datasheet
276Kb / 10P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI4090DY-T1-GE3 VISHAY-SI4090DY-T1-GE3 Datasheet
216Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI4090DY VISHAY-SI4090DY_V01 Datasheet
216Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI4090DY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com