データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1875AP データシート(PDF) 10 Page - Sony Corporation

部品番号 CXA1875AP
部品情報  8-bit D/A Converter Compatible with I2C Bus
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1875AP データシート(HTML) 10 Page - Sony Corporation

Back Button CXA1875AP Datasheet HTML 2Page - Sony Corporation CXA1875AP Datasheet HTML 3Page - Sony Corporation CXA1875AP Datasheet HTML 4Page - Sony Corporation CXA1875AP Datasheet HTML 5Page - Sony Corporation CXA1875AP Datasheet HTML 6Page - Sony Corporation CXA1875AP Datasheet HTML 7Page - Sony Corporation CXA1875AP Datasheet HTML 8Page - Sony Corporation CXA1875AP Datasheet HTML 9Page - Sony Corporation CXA1875AP Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
COPPER ALLOY
19.2 – 0.1
+ 0.4
9
1
8
2.54
0.5 ± 0.1
1.2 ± 0.15
0° to 15°
16
16PIN DIP (PLASTIC)
1.0 g
SONY CODE
EIAJ CODE
JEDEC CODE
DIP-16P-01
DIP016-P-0300
Similar to MO-001-AE
1.All mat surface type.
Two kinds of package surface:
2.All mirror surface type.
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
SONY CODE
EIAJ CODE
JEDEC CODE
SOP-16P-L01
SOP016-P-0300
COPPER ALLOY
SOLDER PLATING
EPOXY RESIN
16PIN SOP (PLASTIC)
9.9 – 0.1
+ 0.4
16
9
1
8
1.27
0.45 ± 0.1
1.85 – 0.15
+ 0.4
0.2 – 0.05
+ 0.1
0.1 – 0.05
+ 0.2
0.2g
0.15
M
0.24
Package Outline
Unit : mm
CXA1875AP
CXA1875AM
CXA1875AP/AM
—10—
Purchase of Sony’s I2C components conveys a license under the Philips I2C Patent Rights to use these components in an I2C
system, provided that the system conforms to the I2C Standard Specifications as defined by Philips.


同様の部品番号 - CXA1875AP

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1870 SONY-CXA1870 Datasheet
573Kb / 40P
   Color TV Y/C/Jungle
CXA1870S SONY-CXA1870S Datasheet
573Kb / 40P
   Color TV Y/C/Jungle
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results

同様の説明 - CXA1875AP

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1315M SONY-CXA1315M Datasheet
308Kb / 11P
   8-bit D/A Converter Supporting with I2C Bus
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com