データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1875 データシート(PDF) 7 Page - Sony Corporation

部品番号 CXA1875
部品情報  8-bit D/A Converter Compatible with I2C Bus
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1875 データシート(HTML) 7 Page - Sony Corporation

Back Button CXA1875 Datasheet HTML 2Page - Sony Corporation CXA1875 Datasheet HTML 3Page - Sony Corporation CXA1875 Datasheet HTML 4Page - Sony Corporation CXA1875 Datasheet HTML 5Page - Sony Corporation CXA1875 Datasheet HTML 6Page - Sony Corporation CXA1875 Datasheet HTML 7Page - Sony Corporation CXA1875 Datasheet HTML 8Page - Sony Corporation CXA1875 Datasheet HTML 9Page - Sony Corporation CXA1875 Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
—7—
CXA1875AP/AM
<Registers>
In brackets ( ) number of bits
REF
(1):
Switches D/A converter reference voltage
0:Standardizes the inner regulator
1:Standardizes voltage resistance divided from VCC
SW0 to 3 (1):
Selects ON/OFF of Pins 1, 2, 9 and 10
(Each pin is the open collector output of NPN transistor)
0:OFF
1:ON
DAC0 to 4 (8):
Digital data input register of D/A converter
0:Output voltage turns to minimum
255:Output voltage turns to maximum
PONRES (1):
Detects POWER ON RESET
0:Master passes from the bus and is reset to 0 after having read this status
1:Set to 1 when power supply is turned on or when there has been a power dip
ST0 to 3
(1):
Detects and registers the voltage condition of Pins 1, 2, 9 and 10
0:1.5 V and below
1:3.0 V and above
Note) SW0 to 3 effective during 0
I2C Bus Signal
There are 2 signals in I2C bus. SDA (Serial DAta) and SCL (Serial Clock).
SDA is double-way.
• As SDA is double-way it has 3 state outputs, H, L and HIZ.
• I2C transfer begins with Start Condition and ends with Stop Condition.
L
H
HIZ
L
SDA
Start Condition S
SCL
Stop Condition P


同様の部品番号 - CXA1875

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1870 SONY-CXA1870 Datasheet
573Kb / 40P
   Color TV Y/C/Jungle
CXA1870S SONY-CXA1870S Datasheet
573Kb / 40P
   Color TV Y/C/Jungle
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results

同様の説明 - CXA1875

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1315M SONY-CXA1315M Datasheet
308Kb / 11P
   8-bit D/A Converter Supporting with I2C Bus
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com