データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5367B データシート(PDF) 1 Page - ON Semiconductor

部品番号 1N5367B
部品情報  5 Watt Surmetic 40 Zener Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5367B データシート(HTML) 1 Page - ON Semiconductor

  1N5367B Datasheet HTML 1Page - ON Semiconductor 1N5367B Datasheet HTML 2Page - ON Semiconductor 1N5367B Datasheet HTML 3Page - ON Semiconductor 1N5367B Datasheet HTML 4Page - ON Semiconductor 1N5367B Datasheet HTML 5Page - ON Semiconductor 1N5367B Datasheet HTML 6Page - ON Semiconductor 1N5367B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 14
1
Publication Order Number:
1N5333B/D
1N53 Series
5 Watt Surmetict
40 Zener Voltage Regulators
This is a complete series of 5 Watt Zener diodes with tight limits and
better operating characteristics that reflect the superior capabilities of
silicon−oxide passivated junctions. All this in an axial lead,
transfer−molded plastic package that offers protection in all common
environmental conditions.
Features
Zener Voltage Range − 3.3 V to 200 V
ESD Rating of Class 3 (>16 kV) per Human Body Model
Surge Rating of up to 180 W @ 8.3 ms
Maximum Limits Guaranteed on up to Six Electrical Parameters
Pb−Free Packages are Available*
Mechanical Characteristics
CASE:
Void free, transfer−molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
260
°C, 1/16 in. from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Max. Steady State Power Dissipation
@ TL = 25°C, Lead Length = 3/8 in
Derate above 25°C
Junction−to−Lead Thermal Resistance
PD
qJL
5
40
25
W
mW/°C
°C/W
Operating and Storage
Temperature Range
TJ, Tstg
−65 to +200
(Note 1)
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Max operating temperature for DC conditions is 150°C, but not to exceed
200°C for pulsed conditions with low duty cycle or non−repetitive.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
AXIAL LEAD
CASE 017AA
PLASTIC
Cathode
Anode
MARKING DIAGRAM
A
= Assembly Location
1N53xxB = Device Number
(Refer to Tables on Pages 3 & 4)
YY
= Year
WW
= Work Week
G
=Pb−Free Package
A
1N
53xxB
YYWWG
G
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1N53xxB, G
Axial Lead
(Pb−Free)
1000 Units/Box
1N53xxBRL, G
Axial Lead
(Pb−Free)
4000/Tape & Reel
(Note: Microdot may be in either location)


同様の部品番号 - 1N5367B

メーカー部品番号データシート部品情報
logo
Formosa MS
1N5367B FORMOSA-1N5367B Datasheet
948Kb / 4P
   5W Zener Diode 5.1 to 200V
logo
Motorola, Inc
1N5367B MOTOROLA-1N5367B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Semikron International
1N5367B SEMIKRON-1N5367B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Yangzhou yangjie electr...
1N5367B YANGJIE-1N5367B Datasheet
447Kb / 5P
   Zener Diodes
logo
Pan Jit International I...
1N5367B PANJIT-1N5367B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com