データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST230S データシート(PDF) 3 Page - Vishay Siliconix

部品番号 ST230S
部品情報  Phase Control Thyristors (Stud Version), 230 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST230S データシート(HTML) 3 Page - Vishay Siliconix

  ST230S Datasheet HTML 1Page - Vishay Siliconix ST230S Datasheet HTML 2Page - Vishay Siliconix ST230S Datasheet HTML 3Page - Vishay Siliconix ST230S Datasheet HTML 4Page - Vishay Siliconix ST230S Datasheet HTML 5Page - Vishay Siliconix ST230S Datasheet HTML 6Page - Vishay Siliconix ST230S Datasheet HTML 7Page - Vishay Siliconix ST230S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VS-ST230SPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 05-Mar-12
3
Document Number: 94399
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum peak gate power
PGM
TJ = TJ maximum, tp  5 ms
10.0
W
Maximum average gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz, d% = 50
2.0
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp  5 ms
3.0
A
Maximum peak positive gate voltage
+ VGM
TJ = TJ maximum, tp  5 ms
20
V
Maximum peak negative gate voltage
- VGM
5.0
DC gate current required to trigger
IGT
TJ = - 40 °C
Maximum required gate
trigger/current/voltage are
the lowest value which will
trigger all units 12 V anode
to cathode applied
180
-
TJ = 25 °C
90
150
mA
TJ = 125 °C
40
-
DC gate voltage required to trigger
VGT
TJ = - 40 °C
2.9
-
V
TJ = 25 °C
1.8
3.0
TJ = 125 °C
1.2
-
DC gate current not to trigger
IGD
TJ = TJ maximum
Maximum gate current/
voltage not to trigger is the
maximum value which will
not trigger any unit with rated
VDRM anode to cathode applied
10
mA
DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction
temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.10
K/W
Maximum thermal resistance,
case to heatsink
RthC-hs
Mounting surface, smooth, flat and greased
0.04
Mounting torque, ± 10 %
Non-lubricated threads
31
(275)
N · m
(lbf
in)
Lubricated threads
24.5
(210)
Approximate weight
280
g
Case style
See dimensions - link at the end of datasheet
TO-209AB (TO-93)
R
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.016
0.012
TJ = TJ maximum
K/W
120°
0.019
0.020
90°
0.025
0.027
60°
0.036
0.037
30°
0.060
0.060


同様の部品番号 - ST230S

メーカー部品番号データシート部品情報
logo
International Rectifier
ST230S IRF-ST230S Datasheet
289Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Inchange Semiconductor ...
ST230S ISC-ST230S Datasheet
311Kb / 2P
   Phase Control Thyristors
logo
Vishay Siliconix
ST230S16P0VPBF VISHAY-ST230S16P0VPBF Datasheet
142Kb / 7P
   Phase Control Thyristors (Stud Version), 230 A
Revision: 11-Aug-08
ST230SPBF VISHAY-ST230SPBF Datasheet
142Kb / 7P
   Phase Control Thyristors (Stud Version), 230 A
Revision: 11-Aug-08
More results

同様の説明 - ST230S

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-ST230SVPBF VISHAY-VS-ST230SVPBF Datasheet
203Kb / 8P
   Phase Control Thyristors (Stud Version), 230 A
Revision: 28-Sep-17
ST230SPBF VISHAY-ST230SPBF Datasheet
142Kb / 7P
   Phase Control Thyristors (Stud Version), 230 A
Revision: 11-Aug-08
VS-ST230SVPBF VISHAY-VS-ST230SVPBF_V01 Datasheet
197Kb / 8P
   Phase Control Thyristors (Stud Version), 230 A
01-Jan-2022
VS-ST230SPBF VISHAY-VS-ST230SPBF_V01 Datasheet
199Kb / 8P
   Phase Control Thyristors (Stud Version), 230 A
01-Jan-2022
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com