データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J112 データシート(PDF) 4 Page - ON Semiconductor

部品番号 J112
部品情報  JFET Chopper Transistors N.Channel . Depletion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J112 データシート(HTML) 4 Page - ON Semiconductor

  J112 Datasheet HTML 1Page - ON Semiconductor J112 Datasheet HTML 2Page - ON Semiconductor J112 Datasheet HTML 3Page - ON Semiconductor J112 Datasheet HTML 4Page - ON Semiconductor J112 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
J111, J112
http://onsemi.com
4
NOTE 2
The Zero−Gate−Voltage Drain Current (IDSS), is the
principle determinant of other J-FET characteristics.
Figure 10 shows the relationship of Gate−Source Off
Voltage (VGS(off) and Drain−Source On Resistance
(rds(on)) to IDSS. Most of the devices will be within
±10%
of the values shown in Figure 10. This data will be useful
in predicting the characteristic variations for a given part
number.
For example:
Unknown
rds(on) and VGS range for an J112
The electrical characteristics table indicates that an J112
has an IDSS range of 25 to 75 mA. Figure 10, shows
rds(on) = 52
W for IDSS = 25 mA and 30 W for
IDSS = 75 mA. The corresponding VGS values are 2.2 V
and 4.8 V.
2.0
3.0
5.0
7.0
10
20
0.5 0.7
1.0
2.0
3.0
5.0 7.0 10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 6. Typical Forward Transfer Admittance
1.0
1.5
2.0
3.0
5.0
7.0
10
15
0.03 0.05
0.1
0.3 0.5
1.0
3.0 5.0
10
30
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Capacitance
200
160
120
80
40
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
VGS, GATE−SOURCE VOLTAGE (VOLTS)
Figure 8. Effect of Gate−Source Voltage
On Drain−Source Resistance
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
−70
−40
−10
20
50
80
110
140
170
Tchannel, CHANNEL TEMPERATURE (°C)
Figure 9. Effect of Temperature On
Drain−Source On−State Resistance
J113
J112
J111
Tchannel = 25°C
VDS = 15 V
Cgs
Cgd
Tchannel = 25°C
(Cds IS NEGLIGIBLE)
IDSS
= 10
mA
25
mA
50mA
75mA 100mA
125mA
Tchannel = 25°C
ID = 1.0 mA
VGS = 0
10
IDSS, ZERO−GATE−VOLTAGE DRAIN CURRENT (mA)
Figure 10. Effect of IDSS On Drain−Source
Resistance and Gate−Source Voltage
20 30
40 50 60
70 80 90 100 110 120 130 140 150
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
100
90
80
70
60
50
40
30
20
10
0
Tchannel = 25°C
rDS(on) @ VGS = 0
VGS(off)


同様の部品番号 - J112

メーカー部品番号データシート部品情報
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
Fairchild Semiconductor
J112 FAIRCHILD-J112 Datasheet
157Kb / 6P
   This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
logo
ON Semiconductor
J112 ONSEMI-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor
1997
logo
Vishay Siliconix
J112 VISHAY-J112 Datasheet
58Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
logo
NXP Semiconductors
J112 PHILIPS-J112 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
More results

同様の説明 - J112

メーカー部品番号データシート部品情報
logo
ON Semiconductor
J111 ONSEMI-J111 Datasheet
85Kb / 5P
   JFET Chopper Transistors N?묬hannel - Depletion
March, 2006 ??Rev. 2
2N5638 ONSEMI-2N5638_06 Datasheet
51Kb / 3P
   JFET Chopper Transistors N-Channel - Depletion
March, 2006 ??Rev. 4
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
   JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
MMBFJ175LT1 ONSEMI-MMBFJ175LT1_06 Datasheet
42Kb / 2P
   JFET Chopper P-Channel - Depletion
February, 2006 ??Rev. 3
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_09 Datasheet
114Kb / 3P
   JFET Chopper P?묬hannel ??Depletion
August, 2009 ??Rev. 4
MMBFJ177LT1 ONSEMI-MMBFJ177LT1_05 Datasheet
45Kb / 3P
   JFET Chopper P-Channel - Depletion
November, 2005 ??Rev. 3
MMBFJ175LT1G ONSEMI-MMBFJ175LT1G_09 Datasheet
111Kb / 2P
   JFET Chopper P - Channel - Depletion
August, 2009 ??Rev. 5
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
ON Semiconductor
2N5638 ONSEMI-2N5638 Datasheet
35Kb / 4P
   JFET Chopper Transistors
September, 2001 ??Rev. 3
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com