データシートサーチシステム |
|
LM317L データシート(PDF) 2 Page - ON Semiconductor |
|
LM317L データシート(HTML) 2 Page - ON Semiconductor |
2 / 12 page LM317L, NCV317LB http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol Value Unit Input-Output Voltage Differential VI-VO 40 Vdc Power Dissipation Case 29 (TO-92) TA = 25°C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Case 751 (SOIC-8) (Note 1) TA = 25°C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case PD RqJA RqJC PD RqJA RqJC Internally Limited 160 83 Internally Limited 180 45 W °C/W °C/W W °C/W °C/W Operating Junction Temperature Range TJ -40 to +150 °C Storage Temperature Range Tstg -65 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. SOIC-8 Junction-to-Ambient Thermal Resistance is for minimum recommended pad size. Refer to Figure 24 for Thermal Resistance variation versus pad size. 2. This device series contains ESD protection and exceeds the following tests: Human Body Model, 2000 V per MIL STD 883, Method 3015. Machine Model Method, 200 V. 18k 6.8V 6.8V 350 300 300 300 3.0k 300 70 200k 2.5 60 50 130 8.67k 500 400 2.4k 12.8k Vout 5.1k 6.3V 2.0k 6.0k Adjust Vin 180 180 10 p F 10 p F Figure 1. Representative Schematic Diagram |
同様の部品番号 - LM317L_11 |
|
同様の説明 - LM317L_11 |