データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL3177E データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL3177E
部品情報  World?셲 Most Power-Effi cient
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3177E データシート(HTML) 1 Page - Intersil Corporation

  ISL3177E Datasheet HTML 1Page - Intersil Corporation ISL3177E Datasheet HTML 2Page - Intersil Corporation ISL3177E Datasheet HTML 3Page - Intersil Corporation ISL3177E Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
World’s Most Power-Efficient RS-485/RS-422
Single Receiver and Driver Deliver Superior
ESD Protection in Tiny Packages
0.1μF
+
R
5
8
4
1
7
2
VCC
GND
RO
RE
B
A
+3.3V
0.1μF
+
D
7
6
8
2
3
4, 5
VCC
GND
DE
DI
Z
Y
RT
+3.3V
ISL3282E
ISL3298E
1
VL
1.8V
6
VL
2.5V
VCC
LOGIC
DEVICE
(μP, ASIC,
UART)
VCC
LOGIC
DEVICE
(μP, ASIC,
UART)
Intersil Interface Products
IEC61000 ESD Protection;
16.5kV Air Gap and 9kV
Contact Discharge
Key Features
3.3V, Fractional UL, High ESD, Full Failsafe - Rx Only or Tx Only
Device
# of Tx / # of Rx
Devices Allowed
on Bus
High ESD
Hot
Plug
Data Rate
(Mbps)
Slew Rate
Limited
Tx/Rx Enable
IS EN/DIS
(typ) (μA)
SHDN ICC
(μA)
VCC Range
(+V)
Package
ISL3280E
1 Rx
256
Yes-IEC61000
No
20
N/A
No
400
N/A
3.0 to 5.5 5 Ld SOT-23
ISL3282E
1 Rx with VL Pin
256
Yes-IEC61000
No
20
N/A
Active Low with VL Pin
400
<20
3.0 to 5.5 8 Ld TDFN
ISL3283E
1 Rx
256
Yes-IEC61000
No
20
N/A
Active Low
400
<20
3.0 to 5.5 6 Ld SOT-23
ISL3296E
1 Tx with VL Pin
256
Yes-IEC61000
Yes
0.25
Yes
Yes
120
0.01
3.0 to 5.5 8 Ld TDFN
ISL3297E
1 Tx with VL Pin
256
Yes-IEC61000
Yes
0.5
Yes
Yes
120
0.01
3.0 to 5.5 8 Ld TDFN
ISL3298E
1 Tx with VL Pin
256
Yes-IEC61000
Yes
20
No
Yes
120
0.01
3.0 to 5.5 8 Ld TDFN
Specified for 125°C Operation
Optional Logic Supply Pin (VL): Eliminates external
level translator in mixed supply systems.
Wide Supply Range: 3.0V to 5.5V
Actual Size
(2mm x 3mm)
8 Ld TDFN
IEC61000 ESD Protection;
±7kV Contact Discharge
Ultra Low Supply Current
Intersil’s ISL328xE and ISL329xE draw
30 times
less power than competitive device.
Rx
Tx
See Datasheet for Complete Listing
2
1
0
3
4
5
TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
Competitor M
Intersil
ISL329xE
ICC = 150μA (max)
ICC = 5mA (max)
30 times less power
Ultra Small Package
Ideal for space-
constrained RS-485
enabled systems.


同様の部品番号 - ISL3177E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL3177E INTERSIL-ISL3177E Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3177E INTERSIL-ISL3177E Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3177E INTERSIL-ISL3177E Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
ISL3177E INTERSIL-ISL3177E Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3177E INTERSIL-ISL3177E Datasheet
787Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

同様の説明 - ISL3177E

メーカー部品番号データシート部品情報
logo
Schneider Electric
XS618B1MAL2 SCHNEIDER-XS618B1MAL2 Datasheet
1Mb / 33P
   Helping you to fi nd the most effi cient solution
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
List of Unclassifed Man...
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
NXP Semiconductors
TEA1522 NXP-TEA1522 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com