データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2560 データシート(PDF) 1 Page - Sony Corporation

部品番号 CXA2560
部品情報  Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2560 データシート(HTML) 1 Page - Sony Corporation

  CXA2560 Datasheet HTML 1Page - Sony Corporation CXA2560 Datasheet HTML 2Page - Sony Corporation CXA2560 Datasheet HTML 3Page - Sony Corporation CXA2560 Datasheet HTML 4Page - Sony Corporation CXA2560 Datasheet HTML 5Page - Sony Corporation CXA2560 Datasheet HTML 6Page - Sony Corporation CXA2560 Datasheet HTML 7Page - Sony Corporation CXA2560 Datasheet HTML 8Page - Sony Corporation CXA2560 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
– 1 –
CXA2560Q
E97438A79-PS
Dolby∗ B Type Noise Reduction System with Playback Equalizer Amplifier
Description
The CXA2560Q is an IC designed for use in car
stereo cassette decks. Functions include Dolby B type
noise reduction (NR) system, playback equalizer
amplifier and music sensor into a single chip.
Features
• Few external parts
• Small package (40-pin QFP)
• Same pin configuration as for the Dolby B-C type
NR system (CXA2561Q) and no Dolby NR system
(CXA2559Q)
• Dolby B type NR and playback equalizer amplifier
into a single chip
• FORWARD/REVERSE head select switch
• Mute function
• Music signal interval detection level can be set by
the external resistors/capacitors (2 modes).
• High-frequency cut-off of the music sensor circuit
can be adjusted by the external capacitance.
Applications
• Car stereo cassette decks
• Playback-only cassette decks
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings
• Supply voltage
VCC
12
V
• Operating temperature Topr
–40 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Power dissipation
PD
430
mW
Operating Condition
Supply voltage
VCC
6.5 to 11
V
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
40 pin QFP (Plastic)
This IC is available only to the licensees of Dolby Laboratories Licensing Corporation from whom licensing and applications
information may be obtained.
"Dolby" and the double D symbols are trademarks of Dolby Laboratories Licensing Corporation.


同様の部品番号 - CXA2560

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2566M SONY-CXA2566M Datasheet
153Kb / 12P
   Headphone Stereos
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
More results

同様の説明 - CXA2560

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA1797Q SONY-CXA1797Q Datasheet
737Kb / 31P
   Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com