データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD12T1 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 SD12T1
部品情報  Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SD12T1 データシート(HTML) 1 Page - Sanyo Semicon Device

  SD12T1 Datasheet HTML 1Page - Sanyo Semicon Device SD12T1 Datasheet HTML 2Page - Sanyo Semicon Device SD12T1 Datasheet HTML 3Page - Sanyo Semicon Device SD12T1 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 2
1
Publication Order Number:
SD05T1/D
SD05T1 Series
Preferred Device
Transient Voltage
Suppressor Diode
SOD−323 Diodes for ESD Protection
These TVS diodes are designed for applications requiring transient
overvoltage protection capability. They are intended for use in voltage
and ESD sensitive equipment such as computers, printers, business
machines, communication systems, medical equipment and other
applications. These devices are ideal for situations where board space is
at a premium.
Specification Features:
Steady State Power Routing of 200 mW
Peak Power − 350 W (8 20 ms)
Low Leakage
Cathode Indicated by Polarity Band
Package Weight: 4.507 mg/wmt
Meets IEC61000−4−2 Level 4, 15 kV (Air), 8 kV (Contact)
Meets IEC6100−4−4 Level 4, 40 A
Meets IEC6100−4−5 (Lightning), 24 A
Meets 16 kV Human Body Model ESD Requirements
Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94, V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
Use the Device Number to order the 7 inch/3,000 unit reel.
Replace the “T1” with “T3” in the Device Number to order the
13 inch/10,000 unit reel.
http://onsemi.com
SOD−323
CASE 477
STYLE 1
MARKING DIAGRAM
xx = Specific Device Code
ZA = SD05T1
ZC = SD12T1
M
= Month Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
SD05T1
SOD−323
3000/Tape & Reel
SD12T1
SOD−323
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
xx M
G
G
SD05T1G
SOD−323
(Pb−Free)
3000/Tape & Reel
SD12T1G
SOD−323
(Pb−Free)
3000/Tape & Reel


同様の部品番号 - SD12T1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SD12T1 ONSEMI-SD12T1 Datasheet
91Kb / 4P
   Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
logo
Shanghai Leiditech Elec...
SD12T1 LEIDITECH-SD12T1 Datasheet
493Kb / 3P
   Standard Capacitance TVS Diode
logo
ON Semiconductor
SD12T1G ONSEMI-SD12T1G Datasheet
91Kb / 4P
   Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
SD12T1G ONSEMI-SD12T1G Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
More results

同様の説明 - SD12T1

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
GBLC03CI CHENDA-GBLC03CI Datasheet
1Mb / 4P
   SOD-323 Plastic-Encapsulate ESD Protection Diodes
logo
Diotec Semiconductor
ESD3B5V0WS DIOTEC-ESD3B5V0WS Datasheet
107Kb / 2P
   Bi-Directional Transient Voltage Suppressor Diodes for ESD Protection
ESD36CA-Q DIOTEC-ESD36CA-Q_13 Datasheet
130Kb / 2P
   Transient Voltage Suppressor Diodes for ESD Protection (AEC-Q101)
logo
Vishay Siliconix
MMBZ6V8DC VISHAY-MMBZ6V8DC Datasheet
37Kb / 2P
   Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
21-May-02
logo
Formosa MS
ESD5Z3.3C FORMOSA-ESD5Z3.3C Datasheet
202Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
ESD9FN24 FORMOSA-ESD9FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor For ESD Protection
ESD9FN12-A0 FORMOSA-ESD9FN12-A0 Datasheet
57Kb / 7P
   Chip Transient Voltage Suppressor For ESD Protection
N032AT23 FORMOSA-N032AT23 Datasheet
196Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
logo
AiT Semiconductor Inc.
GSOT05 AITSEMI-GSOT05 Datasheet
527Kb / 7P
   ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Formosa MS
ESD5FN24 FORMOSA-ESD5FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com