データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TF252TH データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 TF252TH
部品情報  Electret Condenser Microphone Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF252TH データシート(HTML) 3 Page - Sanyo Semicon Device

  TF252TH_12 Datasheet HTML 1Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 2Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 3Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 4Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 5Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 6Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TF252TH
No. A0842-3/7
ID -- VDS
ID -- VDS
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
0
0.5
2.0
1.0
1.5
300
200
250
100
50
150
0
IT12440
VGS=0V
--0.10V
--0.15V
--0.05V
--0.20V
--0.30V
--0.25V
IT12441
01
5
234
350
300
200
250
100
50
150
0
VGS=0V
--0.1V
--0.2V
--0.4V
--0.3V
VGS(off) -- IDSS
| yfs | -- I
DSS
Ciss -- VDS
Crss -- VDS
Zero-Gate Voltage Drain Current, IDSS -- μA
Zero-Gate Voltage Drain Current, IDSS -- μA
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VGS
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
--0.20
--0.25
--0.30
--0.35
--0.40
--0.55
--0.50
--0.45
--0.60
VDS=2V
ID=1μA
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
100
150
200
250
300
400
350
IT12444
100
150
200
250
300
400
350
IT12445
VDS=2V
VGS=0V
f=1kHz
10
7
5
3
2
1.0
1.0
10
23
5
7
7
52
3
IT12446
VGS=0V
f=1MHz
IT12447
1.0
7
5
3
3
2
1.0
10
23
5
7
7
52
3
VGS=0V
f=1MHz
400
300
200
100
0
IT12442
IT12443
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
350
250
50
150
VDS=2V
400
300
200
100
0
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
350
250
50
150
VDS=2V


同様の部品番号 - TF252TH_12

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TF252TH-4-TL-H ONSEMI-TF252TH-4-TL-H Datasheet
333Kb / 7P
   N-Channel JFET
August, 2013
TF252TH-5-TL-H ONSEMI-TF252TH-5-TL-H Datasheet
333Kb / 7P
   N-Channel JFET
August, 2013
More results

同様の説明 - TF252TH_12

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
TF252 SANYO-TF252_12 Datasheet
69Kb / 4P
   Electret Condenser Microphone Applications
TF208TH SANYO-TF208TH Datasheet
33Kb / 4P
   Electret Condenser Microphone Applications
EC3A01T SANYO-EC3A01T Datasheet
37Kb / 5P
   Electret Condenser Microphone Applications
EC3A01B SANYO-EC3A01B Datasheet
38Kb / 5P
   Electret Condenser Microphone Applications
TF256 SANYO-TF256 Datasheet
343Kb / 5P
   Electret Condenser Microphone Applications
TF256TH SANYO-TF256TH Datasheet
343Kb / 5P
   Electret Condenser Microphone Applications
TF202 SANYO-TF202 Datasheet
32Kb / 4P
   Electret Condenser Microphone Applications
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com