データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2581 データシート(PDF) 6 Page - Sony Corporation

部品番号 CXA2581
部品情報  RF Signal Processor for CD Players
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2581 データシート(HTML) 6 Page - Sony Corporation

Back Button CXA2581 Datasheet HTML 2Page - Sony Corporation CXA2581 Datasheet HTML 3Page - Sony Corporation CXA2581 Datasheet HTML 4Page - Sony Corporation CXA2581 Datasheet HTML 5Page - Sony Corporation CXA2581 Datasheet HTML 6Page - Sony Corporation CXA2581 Datasheet HTML 7Page - Sony Corporation CXA2581 Datasheet HTML 8Page - Sony Corporation CXA2581 Datasheet HTML 9Page - Sony Corporation CXA2581 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
– 6 –
CXA2581N
Pin
No.
Symbol
I/O
Equivalent circuit
Description
15
100
2mA
15
O
RFAC
RFAC amplifier output.
17
I
FEI
Focus error amplifier gain
adjustment. The gain is
adjusted by the external
resistance value connected
between this pin and Pin 16.
50k
124
VC
16
124
17
16
O
FE
Focus error amplifier output.
19
I
TE_BAL
Tracking error E and F gain
balance adjustment.
20k
18
19
20k
20k
VC
18
O
TE
Tracking error amplifier output.
21
I
CEI
Center error amplifier gain
adjustment.
The gain is adjusted by the
external resistance value
connected between this pin
and Pin 20.
50k
124
VC
20
124
21
20
O
CE
Center error amplifier output.


同様の部品番号 - CXA2581

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2586 SONY-CXA2586 Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
CXA2586 SONY-CXA2586 Datasheet
41Kb / 2P
   Ultrahigh-Speed (100 MHz) Photodetector IC
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
More results

同様の説明 - CXA2581

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2647N SONY-CXA2647N Datasheet
268Kb / 23P
   RF Signal Processor for CD Players
logo
Sanyo Semicon Device
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
logo
Sony Corporation
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com