データシートサーチシステム |
|
ISL3036E データシート(PDF) 9 Page - Intersil Corporation |
|
ISL3036E データシート(HTML) 9 Page - Intersil Corporation |
9 / 44 page Intersil Signal Path Products 2012 www.intersil.com 9 µP ISL12032 Crystal Oscillator Power Functions Battery Switch Circuitry & Trickle Charger Serial Interface Decoder AC Clock Input Event Detect with Time Stamp 2 Alarms I2C VDD VBAT FOUT AC Clock Battery or SuperCap Power On Reset Battery Status Monitor 2.7V to 5.5V 1.8V to 5.5V Clock Calendar Battery- backed User SRAM VDD Power Brownout Monitor Feature-Rich RTC: ISL12032 Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up Key Features • Longer Super Capacitor Life - Integrated trickle charger - Four selectable charging rates • Power Failure Safety Feature - Dynamically switch from AC clock input to crystal • Security and Event Functions - Stores first and last three event time stamps • User Programmability - I2C interface - 128 bytes battery- backed user SRAM • See Also - ISL12030 (Industry-Standard 8-lead SOIC package) Feature-Rich RTC with 50/60 Cycle AC Input Redundant Crystal Input (ISL12032) for Clock 50/60Hz AC Input AC input line provides long term, high accuracy, and eliminates the need for an external crystal. Dual Alarms Integrated Trickle Charger Dynamically Switch Device IBAT (nA) Alarms Selectable Frequency Output CPU Supervisory Function Battery IRQ FOUT SRAM Other Functions Package POR Watch- dog Timer Seal Backup With 50/60 Cycle AC Input ISL12030 N/A 2 N N N N N Y N 128 Bytes • AC Input 8 Ld SOIC ISL12032 800 2 7 Y Y N Y Y Y 128 Bytes • AC Input • Crystal Backup • Trickle Charger 14 Ld TSSOP High Precision RTC with On-Chip Temperature Sensor ISL12022 1000 1 15 N N Y Y Shared Pin 128 Bytes • Battery Switchover Time Stamp • Battery Status Monitor 8 Ld SOIC ISL12023 1000 1 15 N N Y Y Dedicated Pin Dedicated Pin 128 Bytes • Battery Switchover Time Stamp • Battery Status Monitor 14 Ld TSSOP With Embedded Unique ID ISL12024 850 2 3 N N Y Y Shared Pin 512x8-Bit EEPROM • 64-bit Unique ID 8 Ld SOIC, 8 Ld TSSOP ISL12024IRTCZ 850 2 3 N N Y Y Shared Pin 512x8-Bit EEPROM • 64-bit Unique ID 8 Ld TDFN ISL12025 850 2 Y Y Y Y - - 512x8-Bit EEPROM • 64-bit Unique ID • CPU Supervisor 8 Ld SOIC, 8 Ld TSSOP With Integrated EEPROM and CPU Supervisory Functions ISL12026 850 2 3 N N Y Y Shared Pin 512x8-Bit EEPROM 8 Ld SOIC, 8 Ld TSSOP ISL12026A 850 2 3 N N Y Y Shared Pin 512x8-Bit EEPROM 8 Ld SOIC, 8 Ld TSSOP ISL12027 850 2 Y Y Y Y - - 512x8-Bit EEPROM 8 Ld SOIC, 8 Ld TSSOP ISL12028 ISL12029 850 2 3 Y Y Y Y Shared Pin 512x8-Bit EEPROM 14 Ld SOIC, 14 Ld TSSOP ► Feature-Rich RTCs |
同様の部品番号 - ISL3036E |
|
同様の説明 - ISL3036E |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |