データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2647N データシート(PDF) 1 Page - Sony Corporation

部品番号 CXA2647N
部品情報  RF Signal Processor for CD Players
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2647N データシート(HTML) 1 Page - Sony Corporation

  CXA2647N Datasheet HTML 1Page - Sony Corporation CXA2647N Datasheet HTML 2Page - Sony Corporation CXA2647N Datasheet HTML 3Page - Sony Corporation CXA2647N Datasheet HTML 4Page - Sony Corporation CXA2647N Datasheet HTML 5Page - Sony Corporation CXA2647N Datasheet HTML 6Page - Sony Corporation CXA2647N Datasheet HTML 7Page - Sony Corporation CXA2647N Datasheet HTML 8Page - Sony Corporation CXA2647N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CXA2647N
RF Signal Processor for CD Players
Description
The CXA2647N is an RF signal processing IC for
compact disc players.
Features
• RF signal processor supporting 6
× speed CD
• RF system VCA circuit
• RF system equalizer
• Supports pickups with built-in RF summing
amplifier
• Low current consumption mode (RF off mode)
• ROM/RW switching mode
• Center error amplifier
• Output DC level shift circuit
• TE balance adjustment function
Functions
• RF AC summing amplifier, equalizer, VCA
• RF DC summing amplifier
• Focus error amplifier
• Tracking error amplifier
• Center error amplifier
• Automatic power control
• VC buffer amplifier (analog block, digital block)
Absolute Maximum Ratings
• Supply voltage
VCC
7V
• Storage temperature
Tstg –65 to +150
°C
• Allowable power dissipation
PD
620
mW
Operating Conditions
• Operating supply voltage range
VCC – GND
3.0 to 3.6
V
DVCC – GND 3.0 to 3.6
V
(0V
≤ VCC – DVCC < 2V)
• Operating temperature
Topr
–30 to +85
°C
– 1 –
E01997-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
30 pin SSOP (Plastic)
Pin Configuration
1
2
3
4
5
6
7
9
12
11
20
19
22
24
25
26
27
28
29
30
8
10
14
13
18
17
21
23
15
16


同様の部品番号 - CXA2647N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
More results

同様の説明 - CXA2647N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
logo
Sanyo Semicon Device
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
logo
Sony Corporation
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com