データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3003R データシート(PDF) 10 Page - Sony Corporation

部品番号 CXA3003R
部品情報  Baseband analog processing IC for dual-mode CDMA/FM cellular phone
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3003R データシート(HTML) 10 Page - Sony Corporation

Back Button CXA3003R Datasheet HTML 6Page - Sony Corporation CXA3003R Datasheet HTML 7Page - Sony Corporation CXA3003R Datasheet HTML 8Page - Sony Corporation CXA3003R Datasheet HTML 9Page - Sony Corporation CXA3003R Datasheet HTML 10Page - Sony Corporation CXA3003R Datasheet HTML 11Page - Sony Corporation CXA3003R Datasheet HTML 12Page - Sony Corporation CXA3003R Datasheet HTML 13Page - Sony Corporation CXA3003R Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
—10—
CXA3003R
Pin
No.
77
78
79
80
Symbol
SLEEPB,
IDLEB,
FMB
RXVCOOUT
Typical
Voltage (V)
DC
AC
0 V
Equivalent circuit
GND ADC
78
77
79
VDD ADC
150
80
VDD RXIF
GND RXIF
Description
Test mode switch pins.
These pins control this IC
function mode (∗1).
Receive VCO output pin
connected the external PLL IC.
∗1 Function Mode
Function Mode
CDMA RXTX
CDMA Idle
CDMA Sleep
FM RXTX
FM Idle
FM Idle (Transition)
FM RXTX (Transition)
CDMA Sleep (Transition)
FMB
high
high
high
low
low
low
low
high
IDLEB
high
low
low
high
low
low
high
high
SLEEPB
high
high
low
high
high
low
low
low
Mode functions explain:
1. CDMA RXTX :
This mode requires everything except the FM-
specific circuits to be operating.
2. CDMA Idle
:
This mode powers down all transmit circuits
and FM receive.
3. CDMA Sleep :
This mode powers down everything except
the TCXO divider and TCXO/4 output driver.
4. FM RXTX
:
This mode powers down all CDMA-specific
circuits except the CHIPx8 synthesizer.
5. FM Idle
:
This mode powers down all transmit and
CDMA Receive circuits.


同様の部品番号 - CXA3003R

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3002N SONY-CXA3002N Datasheet
234Kb / 12P
   RX Gain Control Amplifier
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
CXA3008N-2 SONY-CXA3008N-2 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
More results

同様の説明 - CXA3003R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CX20529 ETC-CX20529 Datasheet
601Kb / 2P
   CDMA/FM/ GPS BASEBAND ANALOG PROCESSOR
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
logo
Skyworks Solutions Inc.
CX20470 SKYWORKS-CX20470 Datasheet
211Kb / 18P
   CDMA Baseband Analog Processor
logo
ANADIGICS, Inc
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
logo
Rohm
BH6941KN ROHM-BH6941KN Datasheet
375Kb / 6P
   LED Driver IC for Cellular Phone
logo
Zarlink Semiconductor I...
PLUTO ZARLINK-PLUTO Datasheet
277Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
logo
Mitel Networks Corporat...
PLUTO MITEL-PLUTO Datasheet
139Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com