データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3017R データシート(PDF) 4 Page - Sony Corporation

部品番号 CXA3017R
部品情報  Decoder/Driver/Timing Generator for Color LCD Panels
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3017R データシート(HTML) 4 Page - Sony Corporation

  CXA3017R Datasheet HTML 1Page - Sony Corporation CXA3017R Datasheet HTML 2Page - Sony Corporation CXA3017R Datasheet HTML 3Page - Sony Corporation CXA3017R Datasheet HTML 4Page - Sony Corporation CXA3017R Datasheet HTML 5Page - Sony Corporation CXA3017R Datasheet HTML 6Page - Sony Corporation CXA3017R Datasheet HTML 7Page - Sony Corporation CXA3017R Datasheet HTML 8Page - Sony Corporation CXA3017R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
– 4 –
CXA3017R
Pin
No.
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
L
RGT1
FB PSIG
GND3
PSIG
VCC3
B OUT
FB B
GND2
G OUT
FB G
R OUT
FB R
VCC2
SIG.CENTER
VCC1
VXO OUT
VXO IN
APC
B-Y IN
R-Y IN
C OUT
V REG
C IN
RESET
Y IN
TEST2
SYNC IN
VSEP TC
F0 ADJ
GND1
Symbol
O
I
O
O
I
O
I
O
I
I
O
I
O
I
I
O
O
I
I
I
I
I
O
DCX501BK right/left inverted display switching
(open collector output)
PSIG signal DC voltage feedback circuit capacitor connection
Analog 12V GND for PSIG
PSIG output
Analog 12V power supply for PSIG
B signal output
B signal DC voltage feedback circuit capacitor connection
Analog 12V GND
G signal output
G signal DC voltage feedback circuit capacitor connection
R signal output
R signal DC voltage feedback circuit capacitor connection
Analog 12V power supply
R, G, B and PSIG output DC voltage adjustment
Analog 3V power supply
VXO output
VXO input
APC detective filter connection
B-Y color difference signal input
R-Y color difference signal input
Chroma signal output
Constant voltage capacitor connection
Chroma signal input
System reset
Y signal input
Test (Connect to GND.)
Video input for sync separation
Capacitor connection for vertical sync separation
(or external VSYNC input)
Internal filter adjusting resistor connection
Analog 3V GND
I/O
Description
Input pin processing
for open status
∗ DWN: DOWN SCAN and UP SCAN RGT: RIGHT SCAN and LEFT SCAN


同様の部品番号 - CXA3017R

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3010 SONY-CXA3010 Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
More results

同様の説明 - CXA3017R

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com