データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3026Q データシート(PDF) 10 Page - Sony Corporation

部品番号 CXA3026Q
部品情報  8-bit 120MSPS Flash A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3026Q データシート(HTML) 10 Page - Sony Corporation

Back Button CXA3026Q Datasheet HTML 6Page - Sony Corporation CXA3026Q Datasheet HTML 7Page - Sony Corporation CXA3026Q Datasheet HTML 8Page - Sony Corporation CXA3026Q Datasheet HTML 9Page - Sony Corporation CXA3026Q Datasheet HTML 10Page - Sony Corporation CXA3026Q Datasheet HTML 11Page - Sony Corporation CXA3026Q Datasheet HTML 12Page - Sony Corporation CXA3026Q Datasheet HTML 13Page - Sony Corporation CXA3026Q Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
– 10 –
CXA3026Q
Description of Operating Modes
The CXA3026Q has two types of operating modes which are selected with Pin 45 (SELECT).
1. DMUX mode (See Application Circuit 1-(1), (2) and (3).)
Set the SELECT pin to Vcc for this mode. In this mode, the clock frequency is divided by 2 in the IC, and the
data is output after being demultiplexed by this 1/2 frequency divided clock. The 1/2 frequency divided clock,
which has adequate setup time and hold time for the output data, is output from the CLKOUT pin.
When resetting this 1/2 frequency divided clock, the low level of the RESET signal should be input to the
RESETN pin (Pin 46or 48). The RESET signal requires the setup time (T_rs
≥ 3.5ns) and hold time (T_rh ≥
0ns) to the clock rising edge because it is synchronized with and taken in the clock. Therefore, set the RESET
signal to low for T_rs (min.) + T_rh (min.) = 3.5ns or longer to the clock rising edge.
The reset period can be extended by making the low level period of the RESET signal longer because the
clock output pin is fixed to low (reset) during the low level period at the clock rising edge. If the reset start
timing is regarded as not important, the timing where the RESET signal is set from high to low is not so
consequence. However, when the reset is released this timing must become significant because the timing is
used to commence the 1/2 frequency divided clock. In this case, the setup time (T_rs) is also necessary.
See the timing chart for detail. (This chart shows the example of reset for 2T.)
The A/D converter can operate at FC (min.) = 120MSPS in this mode.
Table 2. Operating Mode Table
SELECT
VCC
GND
DMUX mode
Straight mode
120MSPS
100MSPS
Demultiplexed output
60Mbps
Straight output
100Mbps
The input clock is 1/2 frequency divided
and output.
60MHz
The input clock is inverted and output.
100MHz
Operating
mode
Maximum
conversion rate
Data output
Clock output


同様の部品番号 - CXA3026Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3026 SONY-CXA3026 Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
More results

同様の説明 - CXA3026Q

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
logo
Sony Corporation
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com