データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75832E データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC75832E
部品情報  General-Purpose LCD Display Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75832E データシート(HTML) 3 Page - Sanyo Semicon Device

  LC75832E Datasheet HTML 1Page - Sanyo Semicon Device LC75832E Datasheet HTML 2Page - Sanyo Semicon Device LC75832E Datasheet HTML 3Page - Sanyo Semicon Device LC75832E Datasheet HTML 4Page - Sanyo Semicon Device LC75832E Datasheet HTML 5Page - Sanyo Semicon Device LC75832E Datasheet HTML 6Page - Sanyo Semicon Device LC75832E Datasheet HTML 7Page - Sanyo Semicon Device LC75832E Datasheet HTML 8Page - Sanyo Semicon Device LC75832E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LC75832E, 75832W
No.A0712-3/22
Electrical Characteristics for the Allowable Operating Ranges
Ratings
Parameter
Symbol
Pin
Conditions
min
typ
max
unit
Hysteresis
VH
CE, CL, DI, INH
0.1VDD
V
IIH1
CE, CL, DI, INH
VI=6.0V
5.0
Input high-level current
IIH2
OSC
VI=VDD external clock operating mode
5.0
µA
IIL1
CE, CL, DI, INH
VI=0V
-5.0
Input low-level current
IIL2
OSC
VI=0V external clock operating mode
-5.0
µA
VOH1
S1 to S54
IO=-20µA
VLCD-0.9
VOH2
COM1, COM2
IO=-100µA
VLCD-0.9
Output high-level voltage
VOH3
P1 to P4
IO=-1mA
VLCD-0.9
V
VOL1
S1 to S54
IO=20µA
0.9
VOL2
COM1, COM2
IO=100µA
0.9
Output low-level voltage
VOL3
P1 to P4
IO=1mA
0.9
V
Output middle-level
voltage
VMID
COM1, COM2
1/2 bias IO=±100µA
1/2VLCD
-0.9
1/2VLCD
+0.9
V
Oscillator frequency
fosc
OSC
RC oscillator operating mode
Rosc=39k
Ω, Cosc=1000pF
30.4
38
45.6
kHz
IDD1
VDD
Power-saving mode
10
IDD2
VDD
VDD=6.0V output open
fosc=38kHz
250
500
ILCD1
VLCD
Power-saving mode
15
ILCD2
VLCD
VLCD=6.0V output open
Static
fosc=38kHz
100
200
Current drain
ILCD3
VLCD
VLCD=6.0V output open
1/2 duty
fosc=38kHz
1300
2600
µA
1. When CL is stopped at the low level
Figure 1
2. When CL is stopped at the high level
Figure 2
tds
VIL1
VIL1
VIL1
VIH1
VIH1
50%
VIH1
tch
tcs
tcp
tdh
tr
tf
t
φH
t
φL
CE
CL
DI
tds
VIL1
VIL1
VIL1
VIH1
50%
VIH1
VIH1
tch
tcs
tcp
tdh
tr
tf
t
φL
t
φH
CE
CL
DI


同様の部品番号 - LC75832E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75832E ONSEMI-LC75832E Datasheet
174Kb / 22P
   General-Purpose LCD Display Driver
July, 2013
LC75832E ONSEMI-LC75832E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832E-E ONSEMI-LC75832E-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832EH-E ONSEMI-LC75832EH-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832ES-E ONSEMI-LC75832ES-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
More results

同様の説明 - LC75832E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
LC75878W ONSEMI-LC75878W Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
LC75832E ONSEMI-LC75832E Datasheet
174Kb / 22P
   General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75878W SANYO-LC75878W Datasheet
263Kb / 35P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
ENA1462 ONSEMI-ENA1462 Datasheet
207Kb / 22P
   Duty General-Purpose LCD Display Driver
July, 2013
LC450029PKB ONSEMI-LC450029PKB Datasheet
204Kb / 25P
   Duty General-Purpose LCD Display Driver
July, 2013
ENA0428 ONSEMI-ENA0428 Datasheet
160Kb / 18P
   Duty General-Purpose LCD Display Driver
July, 2013
LC75879PT ONSEMI-LC75879PT Datasheet
335Kb / 35P
   Duty General-Purpose LCD Display Driver
July, 2013
LC75809PT ONSEMI-LC75809PT Datasheet
336Kb / 43P
   Duty General-Purpose LCD Display Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com