データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75847T データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC75847T
部品情報  1/3, 1/4 Duty General-Purpose LCD Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75847T データシート(HTML) 3 Page - Sanyo Semicon Device

  LC75847T Datasheet HTML 1Page - Sanyo Semicon Device LC75847T Datasheet HTML 2Page - Sanyo Semicon Device LC75847T Datasheet HTML 3Page - Sanyo Semicon Device LC75847T Datasheet HTML 4Page - Sanyo Semicon Device LC75847T Datasheet HTML 5Page - Sanyo Semicon Device LC75847T Datasheet HTML 6Page - Sanyo Semicon Device LC75847T Datasheet HTML 7Page - Sanyo Semicon Device LC75847T Datasheet HTML 8Page - Sanyo Semicon Device LC75847T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Note: *1 Excluding the bias voltage generation divider resistors built in the VLCD0, VLCD1, VLCD2, and VSS. (See Figure 1.)
No. 7389-3/27
LC75847T
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH
0.1 VDD
V
Input high level current
IIH
CE, CL, DI, INH: VI = 6.0 V
5.0
µA
Input low level current
IIL
CE, CL, DI, INH: VI = 0 V
–5.0
µA
VOH1
S1 to S106: IO = –20 µA
VLCD0 – 0.9
Output high level voltage
VOH2
COM1 to COM4: IO = –100 µA
VLCD0 – 0.9
V
VOH3
P1 to P8: IO = –1 mA
VLCD – 0.9
VOL1
S1 to S106: IO = 20 µA
0.9
Output low level voltage
VOL2
COM1 to COM4: IO = 100 µA
0.9
V
VOL3
P1 to P8: IO = 1 mA
0.9
V
MID1
COM1 to COM4: 1/2 bias, I
O = ±100 µA
1/2 VLCD0
1/2 VLCD0
– 0.9
+ 0.9
V
MID2
S1 to S106: 1/3 bias, I
O = ±20 µA
2/3 VLCD0
2/3 VLCD0
– 0.9
+ 0.9
Output middle level voltage*1
V
MID3
S1 to S106: 1/3 bias, I
O = ±20 µA
1/3 VLCD0
1/3 VLCD0
V
– 0.9
+ 0.9
V
MID4
COM1 to COM4: 1/3 bias, I
O = ±100 µA
2/3 VLCD0
2/3 VLCD0
– 0.9
+ 0.9
V
MID5
COM1 to COM4: 1/3 bias, I
O = ±100 µA
1/3 VLCD0
1/3 VLCD0
– 0.9
+ 0.9
Oscillator frequency
fOSC
OSC: ROSC = 39 kΩ, COSC = 1000 pF
30.4
38
45.6
kHz
IDD1
VDD: Power-saving mode
5
IDD2
VDD: VDD = 6.0 V, output open, fOSC = 38 kHz
250
500
ILCD1
VLCD: Power-saving mode
5
ILCD2
VLCD: VLCD = 6.0 V, output open, 1/2 bias, fOSC = 38 kHz,
400
800
VLCD0 = 0.70 VLCD to 0.95 VLCD
Current drain
ILCD3
VLCD: VLCD = 6.0 V, output open, 1/2 bias, fOSC = 38 kHz,
350
700
µA
VLCD0 = VLCD
ILCD4
VLCD: VLCD = 6.0 V, output open, 1/3 bias, fOSC = 38 kHz,
300
600
VLCD0 = 0.70 VLCD to 0.95 VLCD
ILCD5
VLCD: VLCD = 6.0 V, output open, 1/3 bias, fOSC = 38 kHz,
250
500
VLCD0 = VLCD
Electrical Characteristics for the allowable operating ranges
Figure 1
To the common segment drivers
VLCD2
VLCD1
Except these resistors
VLCD0
VLCD
VSS
CONTRAST
ADJUSTER


同様の部品番号 - LC75847T

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75847T ONSEMI-LC75847T Datasheet
353Kb / 28P
   Duty General-Purpose LCD Driver
October 2013 - Rev. 0
LC75847T ONSEMI-LC75847T Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75847T-E ONSEMI-LC75847T-E Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75847TS-E ONSEMI-LC75847TS-E Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results

同様の説明 - LC75847T

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
LC75813T-E SANYO-LC75813T-E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16527 PTC-PT16527 Datasheet
733Kb / 5P
   1/3, 1/4 Duty General Purpose LCD Driver IC
logo
ON Semiconductor
LC75833E ONSEMI-LC75833E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
logo
Silan Microelectronics ...
SC75823 SILAN-SC75823 Datasheet
547Kb / 16P
   1/3 DUTY GENERAL-PURPOSE LCD DRIVER
logo
Sanyo Semicon Device
LC75814V SANYO-LC75814V Datasheet
101Kb / 14P
   1/4 Duty General-Purpose LCD Driver
LC75844M SANYO-LC75844M Datasheet
133Kb / 14P
   1/4 Duty General-Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com