データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3067M データシート(PDF) 3 Page - Sony Corporation

部品番号 CXA3067M
部品情報  Wide Band FSK Receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3067M データシート(HTML) 3 Page - Sony Corporation

  CXA3067M Datasheet HTML 1Page - Sony Corporation CXA3067M Datasheet HTML 2Page - Sony Corporation CXA3067M Datasheet HTML 3Page - Sony Corporation CXA3067M Datasheet HTML 4Page - Sony Corporation CXA3067M Datasheet HTML 5Page - Sony Corporation CXA3067M Datasheet HTML 6Page - Sony Corporation CXA3067M Datasheet HTML 7Page - Sony Corporation CXA3067M Datasheet HTML 8Page - Sony Corporation CXA3067M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
—3—
CXA3067M
Pin Description and Equivalent Circuit
Pin
Symbol
Typical
Equivalent circuit
Description
No.
voltage (V)
1
2
3
4
5
6
REFIN
XTAL
FSET1
RDSW
CPLF
VT
3.4
4.0
2.5
(OPEN)
3.0
(OPEN)
2.0
0.3 to VCC
500
DVCC
1
2
11
9
DGND
3
11
9
20k
20k
DVCC
DGND
11
4
9
25k
20k
30k
DVCC
DGND
DVCC
5
6
10k
100
100
11
9
DGND
External clock input
and X’tal connection for
reference oscillator.
X’tal connection for
reference oscillator.
The pin for channel selection.
The condition of pin 3 has
3 states.
Connect to 5 V source for “Hi”
selection and connect to GND for
“Low” selection and leave open.
Reference frequency selection.
Connect to GND when reference
frequency is 14.3125 MHz or
14.31818 MHz and leave open
when reference frequency is
7.15625 MHz or 7.15909 MHz.
Charge pump output.
Connect to loop filter.
Connect to loop filter.
OSC tuning voltage output.


同様の部品番号 - CXA3067M

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
More results

同様の説明 - CXA3067M

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
logo
List of Unclassifed Man...
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Princeton Technology Co...
PT4330 PTC-PT4330 Datasheet
180Kb / 6P
   Low Power ISM Band FM/FSK Receiver
logo
List of Unclassifed Man...
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com