データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3071N データシート(PDF) 9 Page - Sony Corporation

部品番号 CXA3071N
部品情報  Read/Write Amplifier (with Built-in Filters) for FDDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3071N データシート(HTML) 9 Page - Sony Corporation

Back Button CXA3071N Datasheet HTML 5Page - Sony Corporation CXA3071N Datasheet HTML 6Page - Sony Corporation CXA3071N Datasheet HTML 7Page - Sony Corporation CXA3071N Datasheet HTML 8Page - Sony Corporation CXA3071N Datasheet HTML 9Page - Sony Corporation CXA3071N Datasheet HTML 10Page - Sony Corporation CXA3071N Datasheet HTML 11Page - Sony Corporation CXA3071N Datasheet HTML 12Page - Sony Corporation CXA3071N Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
– 9 –
CXA3071N
3 Gpn = 20 Log10 (VFilterout/VPreout)
VFilterout = Filter differential output voltage
(N = 1 to 4).
Read System (Filters)
(Ta = 25°C, VCC = 5V)
Peak
frequency
Peak voltage
gain∗3
Frequency
response (1)
Frequency
response (2)
Peak
frequency
Peak voltage
gain∗3
Frequency
response (1)
Frequency
response (2)
Peak
frequency
Peak voltage
gain∗3
Frequency
response (1)
Frequency
response (2)
Peak
frequency
Peak voltage
gain∗3
Frequency
response (1)
Frequency
response (2)
fo1
Gp1
G11
G12
fo2
Gp2
G21
G22
fo3
Gp3
G31
G32
fo4
Gp4
G41
G42
1M
outer
track
1M
inner
track
1.6M/
2M
outer
track
1.6M/
2M
inner
track
WG = "Z", X360 = "X"
XHD = "H"
OTF = "H"
Refer to Fig. 1
at f01
Refer to Fig. 1
at 1/3f01
Refer to Fig. 1
at 3f01
WG = "Z", X360 = "X"
XHD = "H"
OTF = "L"
Refer to Fig. 1
at f02
Refer to Fig. 1
at 1/3f02
Refer to Fig. 1
at 3f02
WG = "Z", X360 = "X"
XHD = "L"
OTF = "H"
Refer to Fig. 1
at f03
Refer to Fig. 1
at 1/3f03
Refer to Fig. 1
at 3f03
WG = "Z", X360 = "X"
XHD = "L"
OTF = "L"
Refer to Fig. 1
at f04
Refer to Fig. 1
at 1/3f04
Refer to Fig. 1
at 3f04
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
A, B
A, B
A, B
A, B
A, B
A, B
A, B
A, B
A, B
A, B
A, B
A, B
A, B
A, B
A, B
A, B
165.6
4.1
–7.4
–24.9
177.2
4.1
–7.4
–24.9
311.3
4.2
–7.4
–25.3
346.2
5.8
–8.3
–37.8
184.0
6.0
–6.9
–23.0
196.9
6.0
–6.9
–23.0
345.9
6.1
–6.9
–23.4
384.6
7.7
–7.8
–35.9
202.4
7.6
–6.4
–21.4
216.6
7.6
–6.4
–21.4
380.5
7.7
–6.4
–21.8
423.0
9.3
–7.3
–34.3
kHz
dB
dB
dB
kHz
dB
dB
dB
kHz
dB
dB
dB
kHz
dB
dB
dB
Item
Symbol
Conditions
Measurement
circuit
Measurement
point
Min.
Typ.
Max. Unit


同様の部品番号 - CXA3071N

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB0E3 CREE-CXA3070-0000-000N00AB0E3 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB0E5 CREE-CXA3070-0000-000N00AB0E5 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB40F CREE-CXA3070-0000-000N00AB40F Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB40H CREE-CXA3070-0000-000N00AB40H Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

同様の説明 - CXA3071N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3031Q SONY-CXA3031Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com