データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2530-0000-000N00S427H データシート(PDF) 3 Page - Cree, Inc

部品番号 CXA2530-0000-000N00S427H
部品情報  Cree짰 XLamp짰 CXA2530 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2530-0000-000N00S427H データシート(HTML) 3 Page - Cree, Inc

  CXA2530-0000-000N00S427H Datasheet HTML 1Page - Cree, Inc CXA2530-0000-000N00S427H Datasheet HTML 2Page - Cree, Inc CXA2530-0000-000N00S427H Datasheet HTML 3Page - Cree, Inc CXA2530-0000-000N00S427H Datasheet HTML 4Page - Cree, Inc CXA2530-0000-000N00S427H Datasheet HTML 5Page - Cree, Inc CXA2530-0000-000N00S427H Datasheet HTML 6Page - Cree, Inc CXA2530-0000-000N00S427H Datasheet HTML 7Page - Cree, Inc CXA2530-0000-000N00S427H Datasheet HTML 8Page - Cree, Inc CXA2530-0000-000N00S427H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
3
XLamp CXa2530 LED
fluX characteristics, standard order codes and bins (i
f = 800 ma, tJ = 85 °c) -
continued
color
cct
range
base order codes
min. luminous flux
@ 800 ma
chromaticity regions
order code
Group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
ANSI white
5000K
T4
3440
3879
3A0, 3B0, 3C0, 3D0
CXA2530-0000-000N00T40e3
U2
3680
4150
CXA2530-0000-000N00U20e3
4000K
T2
3200
3609
5A0, 5B0, 5C0, 5D0
CXA2530-0000-000N00T20e5
T4
3440
3879
CXA2530-0000-000N00T40e5
U2
3680
4150
CXA2530-0000-000N00U20e5
3500K
S4
2990
3372
6A0, 6B0, 6C0, 6D0
CXA2530-0000-000N00S40e6
T2
3200
3609
CXA2530-0000-000N00T20e6
T4
3440
3879
CXA2530-0000-000N00T40e6
3000K
S4
2990
3372
7A0, 7B0, 7C0, 7D0
CXA2530-0000-000N00S40e7
T2
3200
3609
CXA2530-0000-000N00T20e7
2700K
S2
2780
3135
8A0, 8B0, 8C0, 8D0
CXA2530-0000-000N00S20e8
S4
2990
3372
CXA2530-0000-000N00S40e8
T2
3200
3609
CXA2530-0000-000N00T20e8
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements.
minimum CRI for standard color temperatures 0e8, 27F, 27H, 0e7, 30F, 30H, 0e6, 35F, 35H is 80.
minimum CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 70.
Typical CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 75.
*
Flux values @ 25 °C are calculated and for reference only.


同様の部品番号 - CXA2530-0000-000N00S427H

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA2530-0000-000N00S427H CREE-CXA2530-0000-000N00S427H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

同様の説明 - CXA2530-0000-000N00S427H

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com