データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3092N データシート(PDF) 9 Page - Sony Corporation

部品番号 CXA3092N
部品情報  4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3092N データシート(HTML) 9 Page - Sony Corporation

Back Button CXA3092N Datasheet HTML 5Page - Sony Corporation CXA3092N Datasheet HTML 6Page - Sony Corporation CXA3092N Datasheet HTML 7Page - Sony Corporation CXA3092N Datasheet HTML 8Page - Sony Corporation CXA3092N Datasheet HTML 9Page - Sony Corporation CXA3092N Datasheet HTML 10Page - Sony Corporation CXA3092N Datasheet HTML 11Page - Sony Corporation CXA3092N Datasheet HTML 12Page - Sony Corporation CXA3092N Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
—9—
CXA3092N
Unless otherwise specified, VCC=5 V, Ta=25 °C, fWD (Write data frequency) =5 MHz, IW=15 mA, LH (Head
inductance) =1 µH, RH (Head DC resistance value) =30
Refer to Fig. 2 to Fig. 4
No.
14
15-1
15-2
16
17-1
17-2
18
19
20
Item
Head differential
voltage amplitude
Mode switching time
Read to Write
Mode switching time
Write to Read
Mode switching time
to Read
Mode switching time
safe to unsafe
Mode switching time
unsafe to safe
Head switching time
Write current
propagation delay
time
Write current
rise/fall time
Measurement conditions
Differential voltage between HX pin and HY pin
at switching of Write current (open Head)
TRW is the time required for Write current to turn
to 90 % after Pin 19 changes from “High” to
“Low”.
TWR1 is the time required for the Read amplifier
output∗ to turn to 90 % after Pin 19 changes
from “Low” to “High”.
TWR2 is the time required for Write current to
decreases to 10 % after Pin 19 changes from
“Low” to “High”.
TIR is the time required for the Read amplifier
output∗ to turn to 90 % after Pin 20 changes
from “High” to “Low”.
TSA1 is the time required for Pin 11 to turn
“High” after the last transition of Write data
when Write data is stopped in Write mode.
TSA2 is the time required for Pin 11 to turn “Low”
after the first transition of Write data in Write
mode.
TH is the time required for the Read amplifier
output∗ to reach 90 % when the selected head
switched in Read mode.
TPD is the time required for Write current to
reach 90 % after the Write data falling edge.
LH=0 µH, RH=0
TR is the time required for Write current to reach
90 % from 10 %; TF is the same time required
to reach 10 % from 90 %. LH=0 µH, RH=0
Symbol
VSW
TRW
TWR1
TWR2
TIR
TSA1
TSA2
TH
TPD
TR/TF
Min. Typ. Max. Unit
5.8
6.8
Vp-p
0.2
0.4
µs
0.3
0.5
µs
0.2
0.4
µs
1µs
1.5
3
5
µs
0.6
µs
0.6
µs
27
ns
13
ns
∗Read amplifier output 100 mVp-p 10 MHz


同様の部品番号 - CXA3092N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
More results

同様の説明 - CXA3092N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com