データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3095N データシート(PDF) 1 Page - Sony Corporation

部品番号 CXA3095N
部品情報  All Band TV Tuner IC (VHF-CATV-UHF)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3095N データシート(HTML) 1 Page - Sony Corporation

  CXA3095N Datasheet HTML 1Page - Sony Corporation CXA3095N Datasheet HTML 2Page - Sony Corporation CXA3095N Datasheet HTML 3Page - Sony Corporation CXA3095N Datasheet HTML 4Page - Sony Corporation CXA3095N Datasheet HTML 5Page - Sony Corporation CXA3095N Datasheet HTML 6Page - Sony Corporation CXA3095N Datasheet HTML 7Page - Sony Corporation CXA3095N Datasheet HTML 8Page - Sony Corporation CXA3095N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
– 1 –
CXA3095N
24 pin SSOP (Plastic)
E95Y07-ST
All Band TV Tuner IC (VHF-CATV-UHF)
Description
The CXA3095N is a single chip TV tuner IC which
performs as an oscillator, mixer for VHF-CATV and
UHF bands. An IF amplifier is also provided.
This IC adopts a 24-pin SSOP package (0.8mm
pitch) in response to the trend toward miniaturizing
the tuner and automatic IC mounting.
This IC is the inverted product of the CXA3025N
pin assignment.
Features
• Low noise figure
• Superior cross modulation
• Low spurious
• Stable oscillating characteristics
• Local oscillator output for PLL
• Double tune filter connectable to MIX output
• Low thermal resistance package
Structure
Bipolar silicon monolithic IC
Applications
• TV tuner
• CATV tuner
• VCR tuner
Block Diagram and Pin Configuration (Top View)
Absolute Maximum Ratings
• Supply voltage
VCC
10.5
V
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
1200
mW
(when mounted on a board)
Operating Conditions
• Supply voltage
VCC
9.0 ± 0.9
V
• Operating temperature Topr
–20 to +75
°C
OSC
BUFF
UHF
OSC
VHF
OSC
UHF
MIX
VHF
MIX
REG
IF AMP
BAND
SW
13
14
15
16
17
18
19
20
21
22
23
24
2
3
4
5
6
7
8
9
10
11
12
1
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.


同様の部品番号 - CXA3095N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
More results

同様の説明 - CXA3095N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com