データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC6501P045VCT データシート(PDF) 10 Page - Microchip Technology

部品番号 TC6501P045VCT
部品情報  Adding Intelligence to Lighting Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P045VCT データシート(HTML) 10 Page - Microchip Technology

Back Button TC6501P045VCT Datasheet HTML 6Page - Microchip Technology TC6501P045VCT Datasheet HTML 7Page - Microchip Technology TC6501P045VCT Datasheet HTML 8Page - Microchip Technology TC6501P045VCT Datasheet HTML 9Page - Microchip Technology TC6501P045VCT Datasheet HTML 10Page - Microchip Technology TC6501P045VCT Datasheet HTML 11Page - Microchip Technology TC6501P045VCT Datasheet HTML 12Page - Microchip Technology TC6501P045VCT Datasheet HTML 13Page - Microchip Technology TC6501P045VCT Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LED Lighting Solutions Design Guide
www.microchip.com/lighting
LED Lighting Solutions
PIC16HV785
Digital IO
OA1
COMP1
OA2
COMP2
VBUS
LED
String
Temp
Sensor
PWM
Voltage
Ref.
5V Reg.
Int OSC
BOR
CPU
+
+
+
+
10-bit ADC
PIC16HV785 Boost LED Driver Application
Mixed-Signal LED Drivers
Some devices, such as the PIC16F616, have a SR latch
module that can be used in many different ways along with
the comparators and other digital signal events. Events such
as clock pulses or comparator signals can be programmed to
set or reset the SR latch. These programming options allow
almost any kind of control signal to be generated.
The PIC16F785 has two on-chip op amps, two on-chip
comparators, two SR latch PWM modules and an adjustable
voltage reference. This combination of peripherals can be
digitally configured to implement a wide variety of SMPS
circuit topologies.
Literature on the Web
AN1035 – Designing with HV Microcontrollers DS01035
AN1047 – Buck-Boost LED Driver Using the PIC16F785
MCU, DS01047
AN1271 – Offline Power Converter for High Brightness
LEDs Using the PIC16HV785 Microcontroller, DS01271
PIC16F785/HV785 Device Data Sheet, DS41249
PIC16HV785
COMP1
COMP2
OA1
LED
String
OA2
ISENSE
PWM Dimming Control
AC Ref
RFB
+
+
+
PWM
Voltage
Ref.
5V Reg.
Int OSC
BOR
CPU
+
10-bit ADC
MCP1402
PWM
Input
Filter
VBUS
VBUS
VBUS
PIC16HV785 Flyback Converter with PFC and Dimming Control


同様の部品番号 - TC6501P045VCT

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC6501P045VCT MICROCHIP-TC6501P045VCT Datasheet
326Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC6501P045VCT MICROCHIP-TC6501P045VCT Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P045VCTTR MICROCHIP-TC6501P045VCTTR Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P045VCTTR MICROCHIP-TC6501P045VCTTR Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P045VCTTR MICROCHIP-TC6501P045VCTTR Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
More results

同様の説明 - TC6501P045VCT

メーカー部品番号データシート部品情報
logo
STMicroelectronics
AN3105 STMICROELECTRONICS-AN3105 Datasheet
3Mb / 30P
   lighting applications
logo
Sanyo Semicon Device
2SC5417LS SANYO-2SC5417LS Datasheet
44Kb / 4P
   Inverter Lighting Applications
2SC5416 SANYO-2SC5416 Datasheet
46Kb / 4P
   Inverter Lighting Applications
logo
Silicon Laboratories
AN497 SILABS-AN497 Datasheet
1Mb / 10P
   ADDING OVERCURRENT PROTECTION TO ISODRIVERS
logo
Sanyo Semicon Device
2SC5417 SANYO-2SC5417 Datasheet
46Kb / 4P
   Inverter Lighting Applications
2SC5264LS SANYO-2SC5264LS Datasheet
42Kb / 4P
   Inverter Lighting Applications
2SC5305LS SANYO-2SC5305LS Datasheet
42Kb / 4P
   Inverter Lighting Applications
2SC5420 SANYO-2SC5420 Datasheet
41Kb / 4P
   Inverter Lighting Applications
2SC5304LS SANYO-2SC5304LS Datasheet
43Kb / 4P
   Inverter Lighting Applications
2SC5265 SANYO-2SC5265 Datasheet
85Kb / 3P
   Inverter-controlled Lighting Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com