データシートサーチシステム |
|
TC6501P0120VCT データシート(PDF) 11 Page - Microchip Technology |
|
TC6501P0120VCT データシート(HTML) 11 Page - Microchip Technology |
11 / 20 page www.microchip.com/lighting LED Lighting Solutions Design Guide 11 LED Lighting Solutions MCP1630 and MCP1631 High-Speed PWM Controllers The MCP1630 and MCP1631 offer another method that can be used to generate high speed PWM signals for high power LED drivers. The MCP1630 is an 8-pin device that contains the components needed to generate an analog PWM control loop, including an error amplifier, comparator and a high current output pin to drive a power transistor. The MCP1630 is designed to be used with a MCU that provides a reference clock source. The MCU controls the PWM frequency and maximum duty cycle. The switching frequency can be up to 1 MHz, depending on the application requirements. The MCU can also control the reference input for the error amplifier when dimming or soft start functions are required. Multiple MCP1630 devices can be attached to a MCU to support multiple power channels. The MCP1630 can be used to solve advanced power supply issues. When multiple MCP1630 devices are used, phase offsets can be applied to each clock input to reduce bus current ripple. For applications that are sensitive to EMI, dithering can be applied to the clock signal to reduce radiated energy at a given frequency. The MCP1631 is a 20-pin device which, in addition to the MCP1630 includes an internal 5V or 3.3V regulator, shutdown control, overvoltage protection, oscillator disable and 1x and 10x gain amplifiers. MCP1630 Boost Mode LED Driver Demonstration Board (MCP1630DM-LED2) This demo board is a step-up, switch-mode, DC-DC converter used for power LED applications. The demo board provides a 350 mA or 700 mA constant current source with a jumper selection. The input operating voltage range is 9-16 VDC and the board can supply up to 30W to a string of power LEDs. MCP1631HV Digitally Controlled Programmable Current Source Reference Design (MCP631RD-DCPC1) This board provides a SEPIC DC-DC converter for power LED and battery charging applications. The input voltage range is 3.5-16 VDC and the maximum power output is 8.5W. Literature on the Web ■ MCP1630/MCP1630V Device Data Sheet, DS21896 ■ MCP1631 Device Data Sheet, DS22063 Current Feedback Thermal Feedback PIC12HV615 MCU MCP1630 PWM Controller 5V 5V 10 LED String 700 mA, 34V DC User Interface 9-13V DC Clock Reference MCP9700 Temp Sensor MCP1630 Boost Mode LED Driver |
同様の部品番号 - TC6501P0120VCT |
|
同様の説明 - TC6501P0120VCT |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |