データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3171N データシート(PDF) 4 Page - Sony Corporation

部品番号 CXA3171N
部品情報  4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3171N データシート(HTML) 4 Page - Sony Corporation

  CXA3171N Datasheet HTML 1Page - Sony Corporation CXA3171N Datasheet HTML 2Page - Sony Corporation CXA3171N Datasheet HTML 3Page - Sony Corporation CXA3171N Datasheet HTML 4Page - Sony Corporation CXA3171N Datasheet HTML 5Page - Sony Corporation CXA3171N Datasheet HTML 6Page - Sony Corporation CXA3171N Datasheet HTML 7Page - Sony Corporation CXA3171N Datasheet HTML 8Page - Sony Corporation CXA3171N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
—4—
CXA3171N
No.
18
19
23
20
21
22
Symbol
HS1
HS0
R/W
RDX
RDY
WC
Equivalent circuit
VCC
GND
18
19
R
2.1V
HS0:R=78K,
HS1:R=100K
VCC
GND
180k
2.1V
23
VCC
GND
21
20
2V
VCC
GND
22
Description
Head select signal input.
Selects one of 4 heads according
to Table 2.
Read/Write signal input
At “High” : Read,
at “Low” : Write.
Read Amplifier output.
A setting resistor for the write
current value is connected
between this pin and GND.


同様の部品番号 - CXA3171N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3174N SONY-CXA3174N Datasheet
158Kb / 10P
   AGC IF for GSM/PCS
CXA3176N SONY-CXA3176N Datasheet
317Kb / 21P
   IF Amplifier for FM Receiver (AFC Supported)
CXA3176N SONY-CXA3176N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
More results

同様の説明 - CXA3171N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com