データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Y-CONC-R806PRJ2U-2000-C データシート(PDF) 9 Page - Yamaichi Electronics Co., Ltd.

部品番号 Y-CONC-R806PRJ2U-2000-C
部品情報  IP67/68/69K Protected Components
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAMAICHI [Yamaichi Electronics Co., Ltd.]
ホームページ  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

Y-CONC-R806PRJ2U-2000-C データシート(HTML) 9 Page - Yamaichi Electronics Co., Ltd.

Back Button Y-CONC-R806PRJ2U-2000-C Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. Y-CONC-R806PRJ2U-2000-C Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. Y-CONC-R806PRJ2U-2000-C Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd. Y-CONC-R806PRJ2U-2000-C Datasheet HTML 8Page - Yamaichi Electronics Co., Ltd. Y-CONC-R806PRJ2U-2000-C Datasheet HTML 9Page - Yamaichi Electronics Co., Ltd. Y-CONC-R806PRJ2U-2000-C Datasheet HTML 10Page - Yamaichi Electronics Co., Ltd. Y-CONC-R806PRJ2U-2000-C Datasheet HTML 11Page - Yamaichi Electronics Co., Ltd. Y-CONC-R806PRJ2U-2000-C Datasheet HTML 12Page - Yamaichi Electronics Co., Ltd. Y-CONC-R806PRJ2U-2000-C Datasheet HTML 13Page - Yamaichi Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Industrial RJ45 Plugs
Description:
RJ45 cable plug, Cat 5 with integrated cable
guide, shielding and cable crimp preventing cable
rotation. Ethernet/customised contact wiring,
with or without power contacts
RJ45 Kabelstecker Cat 5 mit integrierter Kabelführung,
Schirmung und Kabelcrimp, der das Verdrehen des Kabels
verhindert. Ethernet/Kundenspezifische Kontaktverdrahtung
mit oder ohne zusätzliche Kontakte für die Stomversorgung
Material:
Plug body
PBT, UL94V-0
Steckergehäuse
Shielding
Nickel plated brass
Schirmung
Contact
Contact area 30µ”Au over Ni
Kontakte
Specifications:
Operating Temp.: -40°C ~ +120°C
Betriebstemp.
Durability:
1,500 mechanical cycles
Lebensdauer
Current Rating:
2.1A @ 70°C (power contacts)
Bemessungsstrom
Part Number
Signal Contacts
Power Contacts
Y-ConPlug-11
4 (Ethernet)
0
Y-ConPlug-21
4 (Ethernet)
2
Y-ConPlug-31
6
2
Y-ConPlug-41
8
0
Y-ConPlug-51
8
2
Series
Design Number
Y-ConPlug
- * 1
Part Number (Details)
Outline Dimensions
Example:
Y-ConPlug-51
IP20 protective
transport cap for
all Y-Con plugs.
IP20 Transportschutzabdeckung
für alle Y-Con Kabelstecker.
Material:
PE
Colour
Transparent white
Farbe
Specifications:
Operating Temp.: -20°C ~ +80°C
Betriebstemp.
Material:
PA66
Specifications:
Operating Temp.: -20°C ~ +120°C
Betriebstemp.
Description:
IP20 strain relief for use
with all Y-Con plugs.
The cable cage allows
for flexing with the cable
IP20-Zugentlastung für den
Einsatz mit allen Y-Con Kabelsteckern.
Die Manschette der Zugentlastung
unterstützt die Biegeflexibilität
des Kabels
Part No.: Y-ConAS-11
Part No.: Y-ConAS-12
Accessories
Accessories
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
8


同様の部品番号 - Y-CONC-R806PRJ2U-2000-C

メーカー部品番号データシート部品情報
logo
YAMAHA CORPORATION
Y-CONC-R806P-CU2L-2000-A YAMAHA-Y-CONC-R806P-CU2L-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R806P-CU2L-2000-B YAMAHA-Y-CONC-R806P-CU2L-2000-B Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R806P-CU2L-2000-C YAMAHA-Y-CONC-R806P-CU2L-2000-C Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R806P-CU2M-2000-A YAMAHA-Y-CONC-R806P-CU2M-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R806P-CU2M-2000-B YAMAHA-Y-CONC-R806P-CU2M-2000-B Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
More results

同様の説明 - Y-CONC-R806PRJ2U-2000-C

メーカー部品番号データシート部品情報
logo
YAMAHA CORPORATION
Y-CONCOVER-10-X-X YAMAHA-Y-CONCOVER-10-X-X Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
logo
Yamaichi Electronics Co...
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
   IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
List of Unclassifed Man...
JR25WCCA-12 ETC2-JR25WCCA-12 Datasheet
549Kb / 8P
   IP67 waterproof protected heavy duty metal shell connectors
logo
PHOENIX CONTACT
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
   Monitor - FPM 23.8 69K
Dec 2, 2022
1261662 PHOENIX-1261662 Datasheet
206Kb / 6P
   Monitor - FPM 23.8 69K SP
Dec 2, 2022
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K SP
Dec 2, 2022
1262469 PHOENIX-1262469 Datasheet
211Kb / 7P
   Panel PC - PPC 17.3 AIO 69K
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com