データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3222N データシート(PDF) 1 Page - Sony Corporation

部品番号 CXA3222N
部品情報  TX Gain Control Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3222N データシート(HTML) 1 Page - Sony Corporation

  CXA3222N Datasheet HTML 1Page - Sony Corporation CXA3222N Datasheet HTML 2Page - Sony Corporation CXA3222N Datasheet HTML 3Page - Sony Corporation CXA3222N Datasheet HTML 4Page - Sony Corporation CXA3222N Datasheet HTML 5Page - Sony Corporation CXA3222N Datasheet HTML 6Page - Sony Corporation CXA3222N Datasheet HTML 7Page - Sony Corporation CXA3222N Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
– 1 –
CXA3222N
8 pin SSOP (Plastic)
E97810-PS
TX Gain Control Amplifier
Description
CXA3222N is a TX gain control amplifier suitable
for CDMA cellular/PCS phone.
Features
• Wide gain control range
• Linear gain slope
• Wideband operation (50MHz to 300MHz)
• Very small package (8 Pin SSOP)
• Low voltage operation
• High output IP3
• Power save function included
Absolute Maximum Ratings
• Supply voltage
VCC
6V
• Operating temperature
Topr –55 to +125 °C
• Storage temperature
Tstg –65 to +150 °C
• Supply voltage range
–0.3 to 6
V
• Logic input voltage
–0.3 to VCC + 0.3 V
• Signal input voltage
–0.3 to VCC + 0.3 V
• Differental signal input voltage
0 to 2.5
V
Operating Condition
Supply voltage
VCC
2.7 to 3.8
V
Applications
CDMA cellular/PCS phone
Structure
Bipolar silicon monolithic IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
For the availability of this product, please contact the sales office.


同様の部品番号 - CXA3222N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
More results

同様の説明 - CXA3222N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3002N SONY-CXA3002N Datasheet
234Kb / 12P
   RX Gain Control Amplifier
CXA3221AN SONY-CXA3221AN Datasheet
126Kb / 8P
   RX Gain Control Amplifier
CXA3221N SONY-CXA3221N Datasheet
151Kb / 8P
   RX Gain Control Amplifier
logo
Toshiba Semiconductor
TA4018F TOSHIBA-TA4018F_07 Datasheet
611Kb / 8P
   VHF Gain Control Amplifier Application
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com