データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3268AR データシート(PDF) 4 Page - Sony Corporation

部品番号 CXA3268AR
部品情報  Driver/Timing Generator for Color LCD Panels
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3268AR データシート(HTML) 4 Page - Sony Corporation

  CXA3268AR Datasheet HTML 1Page - Sony Corporation CXA3268AR Datasheet HTML 2Page - Sony Corporation CXA3268AR Datasheet HTML 3Page - Sony Corporation CXA3268AR Datasheet HTML 4Page - Sony Corporation CXA3268AR Datasheet HTML 5Page - Sony Corporation CXA3268AR Datasheet HTML 6Page - Sony Corporation CXA3268AR Datasheet HTML 7Page - Sony Corporation CXA3268AR Datasheet HTML 8Page - Sony Corporation CXA3268AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
– 4 –
CXA3268AR
Pin
No.
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
PSIG DC DET
PSIG OUT
TST3
VCC3
COM
GND3
TST4
POF
NC
TST5
TST6
TST7
TST8
TST9
TST10
VSS
VSS
VDD
TST11
OSD B
OSD R
OSD G
NC
HCK1
HCK2
VCC1
HST
EN
VCK
VST
RGT
FIL IN
B/B-Y
G/Y
R/R-Y
O
O
O
O
I
I
I
O
O
O
O
O
O
O
I
I
I
I
PSIG signal DC voltage feedback circuit capacitor connection
PSIG output
Test (Leave this pin open.)
Analog 12.0V COM (CS) power supply
Common pad voltage for LCD panel output (CS)
Analog 12.0V COM (CS) GND
Test (Leave this pin open.)
LCD panel power supply on/off (Leave this pin open when not using
this function.)
Test (Connect to GND.)
Test (Connect to GND.)
Test (Leave this pin open.)
Test (Leave this pin open.)
Test (Leave this pin open.)
Test (Leave this pin open.)
Digital 3.0V GND
Digital 3.0V GND
Digital 3.0V power supply
Test (Connect to GND.)
OSD B input
OSD R input
OSD G input
H clock pulse 1 output
H clock pulse 2 output
Analog 3.0V power supply
H start pulse output
EN pulse output
V clock pulse output
V start pulse output
Right/left inversion switching signal output
H filter input (for using internal sync separation)
B/B-Y signal input
G/Y signal input
R/R-Y signal input
Symbol
I/O
Description
Input pin for
open status
∗ DWN: DOWN SCAN and UP SCAN, RGT: RIGHT SCAN and LEFT SCAN
H: pull-up processing, L: pull-down processing


同様の部品番号 - CXA3268AR

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3266Q SONY-CXA3266Q Datasheet
765Kb / 60P
   PLL IC for LCD Monitor/Projector
More results

同様の説明 - CXA3268AR

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com