データシートサーチシステム |
|
STP6NK50Z データシート(PDF) 3 Page - Texas Instruments |
|
STP6NK50Z データシート(HTML) 3 Page - Texas Instruments |
3 / 17 page 3 Electrical Performance Specifications www.ti.com Electrical Performance Specifications Table 1. UCC28810EVM-002 Electrical Performance Specifications SYMBOL PARAMETER CONDITIONS MIN NOM MAX UNITS INPUT CHARACTERSTICS VIN Input voltage 90 264 VRMS IIN Input current 0.175 1.1 ARMS PF Power factor POUT = 80 W to 100 W 0.95 0.97 OUTPUT CHARACTERSTICS PFC Stage VOUT PFC output voltage 235 415 VDC LED Driver Stage POUT Output power 45 80 100 W IOUT Output current 0.84 0.9 0.96 A Line regulation 0.03 Frequency 60 128 kHz SYSTEMS CHARACTERSTICS η Full load efficiency 90% 93% PWM Dimming(1) Threshold 0.72 1.3 V Frequency range 200 1000 Hz Duty cycle 0% 90% (1) The PWM dimming signal is inverted, 0% duty cycle is 100% LED current. SLUU355A – March 2009 – Revised June 2009 A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications 3 Submit Documentation Feedback |
同様の部品番号 - STP6NK50Z |
|
同様の説明 - STP6NK50Z |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |