データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3503 データシート(PDF) 5 Page - Sony Corporation

部品番号 CXA3503
部品情報  Driver/Timing Generator for Color LCD Panels
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3503 データシート(HTML) 5 Page - Sony Corporation

  CXA3503 Datasheet HTML 1Page - Sony Corporation CXA3503 Datasheet HTML 2Page - Sony Corporation CXA3503 Datasheet HTML 3Page - Sony Corporation CXA3503 Datasheet HTML 4Page - Sony Corporation CXA3503 Datasheet HTML 5Page - Sony Corporation CXA3503 Datasheet HTML 6Page - Sony Corporation CXA3503 Datasheet HTML 7Page - Sony Corporation CXA3503 Datasheet HTML 8Page - Sony Corporation CXA3503 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
– 5 –
CXA3503R
Analog Block Pin Description
Pin
No.
2
FIL OUT
Amplifies and outputs the sync
portion of the video signal input
to FIL IN (Pin 69).
Sync separation circuit input.
Inputs the FIL OUT (Pin 2)
output signal via a capacitor.
Sync separation output.
Positive polarity output in open
collector format.
DA output.
Outputs the serial data
converted to DC voltage. The
current driving capacity is
±1.0mA (max.).
2.15V
1.1V
SYNC IN
SYNC OUT
DA OUT
3
4
6
Symbol
Pin
voltage
Equivalent circuit
Description
VCC1
23k
200
GND1
2
VCC1
200
GND1
3
VCC1
GND1
4
VCC1
50
50
GND1
6
8
F ADJ
Connect a resistor between this
pin and GND1 to control the
internal LPF and trap
frequencies.
Connect a 33k
Ω resistor
(tolerance ±2%, temperature
characteristics ±200ppm or less).
This pin is easily affected by
external noise, so make the
connection between the pin and
external resistor, and between
the GND side of the external
resistor and the GND1 pin as
close as possible.
1.1V
VCC1
GND1
10
6.5k
8


同様の部品番号 - CXA3503

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
More results

同様の説明 - CXA3503

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com